Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSFR1700 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSFR1700
Description  Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR1700 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSFR1700 Datasheet HTML 6Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 7Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 8Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 9Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 10Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 11Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 12Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 13Page - Fairchild Semiconductor FSFR1700 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR series Rev.1.0.9
10
Functional Description
1. Basic Operation: FSFR-series is designed to drive
high-side and low-side MOSFETs complementarily with
50% duty cycle. A fixed dead time of 350ns is introduced
between consecutive transitions, as shown in Figure 16.
High side
MOSFET
gate drive
Low side
MOSFET
gate drive
Dead time
time
Figure 16. MOSFETs Gate Drive Signal
2. Internal Oscillator: FSFR-series employs a current-
controlled oscillator, as shown in Figure 17. Internally,
the voltage of RT pin is regulated at 2V and the
charging/discharging current for the oscillator capacitor,
CT, is obtained by copying the current flowing out of RT
pin (ICTC) using a current mirror. Therefore, the switching
frequency increases as ICTC increases.
Figure 17. Current Controlled Oscillator
3. Frequency Setting: Figure 18 shows the typical
voltage gain curve of a resonant converter, where the
gain is inversely proportional to the switching frequency
in the ZVS region. The output voltage can be regulated
by modulating the switching frequency. Figure 19 shows
the typical circuit configuration for RT pin, where the opto-
coupler transistor is connected to the RT pin to modulate
the switching frequency.
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Gain
140
150
60
70
80
90
100
110
120
130
freq (kHz)
f min
f normal
f max
f ISS
Soft-start
Figure 18. Resonant Converter Typical Gain Curve
Control
IC
VDL
LVcc
RT
CON
SG
PG
R
min
R
max
C
ss
R
ss
Figure 19. Frequency Control Circuit
The minimum switching frequency is determined as:
min
min
5.2
100(
)
k
fkHz
R
Ω
(1)
Assuming
the
saturation
voltage
of
opto-coupler
transistor is 0.2V, the maximum switching frequency is
determined as:
max
min
max
5.2
4.68
(
) 100(
)
kk
fkHz
RR
Ω
Ω
=+
×
(2)
To prevent excessive inrush current and overshoot of
output voltage during startup, increase the voltage gain
of the resonant converter progressively. Since the
voltage gain of the resonant converter is inversely
proportional to the switching frequency, the soft-start is
implemented by sweeping down the switching frequency
from an initial high frequency (f
IS S ) until the output
voltage is established. The soft-start circuit is made by
connecting R-C series network on the RT pin, as shown


Similar Part No. - FSFR1700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700 FAIRCHILD-FSFR1700 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1700HS FAIRCHILD-FSFR1700HS Datasheet
2Mb / 15P
   FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
FSFR1700HSL FAIRCHILD-FSFR1700HSL Datasheet
2Mb / 15P
   FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
FSFR1700US FAIRCHILD-FSFR1700US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1700USL FAIRCHILD-FSFR1700USL Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
More results

Similar Description - FSFR1700

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700XS FAIRCHILD-FSFR1700XS Datasheet
915Kb / 14P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR2100 FAIRCHILD-FSFR2100_08 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFA2100 FAIRCHILD-FSFA2100 Datasheet
688Kb / 16P
   Power Switch (FPS?? for Half-Bridge PWM Converters
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com