Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP7N50F Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP7N50F
Description  N-Channel MOSFET, FRFET 500V, 6A, 1.15OHM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP7N50F Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP7N50F Datasheet HTML 1Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 2Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 3Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 4Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 5Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 6Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 7Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 8Page - Fairchild Semiconductor FDP7N50F Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
November 2007
©2007 Fairchild Semiconductor Corporation
FDP7N50F / FDPF7N50F Rev. A
www.fairchildsemi.com
1
UniFET
TM
FDP7N50F / FDPF7N50F
N-Channel MOSFET, FRFET
500V, 6A, 1.15
Features
•RDS(on) = 0.95Ω ( Typ.)@ VGS = 10V, ID = 3A
• Low gate charge ( Typ. 15nC)
• Low Crss ( Typ. 6.3pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• RoHS compliant
Description
These N-Channel enhancement mode power field effect transis-
tors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advance technology has been especially tailored to mini-
mize on-state resistance, provide superior switching perfor-
mance, and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high effi-
cient switching mode power supplies and active power factor
correction.
TO-220
FDP Series
G
S
D
TO-220F
FDPF Series
G
S
D
D
G
S
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
FDP7N50F
FDPF7N50F
Units
VDSS
Drain to Source Voltage
500
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
-Continuous (TC = 25
oC)
6
6*
A
-Continuous (TC = 100
oC)
3.6
3.6*
IDM
Drain Current
- Pulsed
(Note 1)
24
24*
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
270
mJ
IAR
Avalanche Current
(Note 1)
6
A
EAR
Repetitive Avalanche Energy
(Note 1)
20
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25
oC)
200
38.5
W
- Derate above 25oC
1.59
0.3
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDP7N50F
FDPF7N50F
Units
RθJC
Thermal Resistance, Junction to Case
1.4
4.0
oC/W
RθCS
Thermal Resistance, Junction to Ambient
0.5
-
RθJA
Thermal Resistance, Junction to Ambient
62.5
62.5
*Drain current limited by maximum junction temperature


Similar Part No. - FDP7N50F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP7N50F ISC-FDP7N50F Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP7N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH45N50F FAIRCHILD-FDH45N50F Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FDH45N50F FAIRCHILD-FDH45N50F_08 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FDH45N50F_0605 FAIRCHILD-FDH45N50F_0605 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
logo
Unisonic Technologies
6N50_1106 UTC-6N50_1106 Datasheet
172Kb / 6P
   6A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDB12N50U FAIRCHILD-FDB12N50U Datasheet
638Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDB12N50U FAIRCHILD-FDB12N50U_12 Datasheet
354Kb / 8P
   N-Channel MOSFET, FRFET 500V, 10A, 0.8廓
FDP20N50F FAIRCHILD-FDP20N50F Datasheet
820Kb / 10P
   N-Channel MOSFET, FRFET 500V, 20A, 0.26廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
FDL100N50F FAIRCHILD-FDL100N50F Datasheet
725Kb / 8P
   N-Channel MOSFET,FRFET 500V, 100A, 0.055廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com