Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF3NK100Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STF3NK100Z
Description  N-channel 1000V - 5.4廓 - 2.5A - TO-220 - TO-220FP - DPAK Zener-protected SuperMESH??Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3NK100Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STF3NK100Z Datasheet HTML 6Page - STMicroelectronics STF3NK100Z Datasheet HTML 7Page - STMicroelectronics STF3NK100Z Datasheet HTML 8Page - STMicroelectronics STF3NK100Z Datasheet HTML 9Page - STMicroelectronics STF3NK100Z Datasheet HTML 10Page - STMicroelectronics STF3NK100Z Datasheet HTML 11Page - STMicroelectronics STF3NK100Z Datasheet HTML 12Page - STMicroelectronics STF3NK100Z Datasheet HTML 13Page - STMicroelectronics STF3NK100Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STF3NK100Z - STP3NK100Z - STD3NK100Z
10/16
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - STF3NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF3NK80Z STMICROELECTRONICS-STF3NK80Z Datasheet
608Kb / 13P
   N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
September 2003
STF3NK80Z STMICROELECTRONICS-STF3NK80Z Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STF3NK80Z STMICROELECTRONICS-STF3NK80Z Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
logo
VBsemi Electronics Co.,...
STF3NK80Z VBSEMI-STF3NK80Z Datasheet
2Mb / 9P
   Power MOSFET
logo
STMicroelectronics
STF3NK80Z STMICROELECTRONICS-STF3NK80Z Datasheet
1Mb / 29P
   N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
Rev 7 April 2017
More results

Similar Description - STF3NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
   N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
STD7NK30Z STMICROELECTRONICS-STD7NK30Z Datasheet
731Kb / 15P
   N-channel, 300 V, 0.80 廓, 5 A TO-220, TO-220FP, DPAK Zener-protected SuperMESH??Power MOSFET
STF8NK100Z STMICROELECTRONICS-STF8NK100Z Datasheet
293Kb / 13P
   N-CHANNEL 1000V - 1.60OHM - 6.5A - TO-220 - TO-220FP Zener-Protected SuperMESH TM MOSFET
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
   N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
   N-channel 900V - 0.35廓 - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
STP5NK80Z STMICROELECTRONICS-STP5NK80Z Datasheet
353Kb / 15P
   N-channel 800V - 1.9廓 - 4.3A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STF6NK70Z STMICROELECTRONICS-STF6NK70Z_06 Datasheet
427Kb / 16P
   N-channel 700V - 1.5廓 - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
   N-channel 900V - 2廓 - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com