Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2NK100Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD2NK100Z
Description  N-channel 1000 V, 6.25 廓, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NK100Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD2NK100Z Datasheet HTML 6Page - STMicroelectronics STD2NK100Z Datasheet HTML 7Page - STMicroelectronics STD2NK100Z Datasheet HTML 8Page - STMicroelectronics STD2NK100Z Datasheet HTML 9Page - STMicroelectronics STD2NK100Z Datasheet HTML 10Page - STMicroelectronics STD2NK100Z Datasheet HTML 11Page - STMicroelectronics STD2NK100Z Datasheet HTML 12Page - STMicroelectronics STD2NK100Z Datasheet HTML 13Page - STMicroelectronics STD2NK100Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STD2NK100Z - STP2NK100Z - STU2NK100Z
10/16
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - STD2NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NK60Z STMICROELECTRONICS-STD2NK60Z Datasheet
762Kb / 16P
   Zener-Protected SuperMESH MOSFET
logo
VBsemi Electronics Co.,...
STD2NK60Z VBSEMI-STD2NK60Z Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STD2NK60Z-1 STMICROELECTRONICS-STD2NK60Z-1 Datasheet
762Kb / 16P
   Zener-Protected SuperMESH MOSFET
STD2NK70Z STMICROELECTRONICS-STD2NK70Z Datasheet
305Kb / 12P
   N-CHANNEL 700 V - 6 W - 1.6 A DPAK/IPAK Zener-Protected SuperMESHTM MOSFET
STD2NK70Z STMICROELECTRONICS-STD2NK70Z Datasheet
457Kb / 16P
   N-channel 700V - 6廓 - 1.6 A - DPAK/IPAK Zener protected SuperMESH??Power MOSFET
More results

Similar Description - STD2NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
   N-channel 520V - 1.22廓 - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
STF5NK52ZD STMICROELECTRONICS-STF5NK52ZD Datasheet
777Kb / 17P
   N-channel 520 V,1.22 廓,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH??Power MOSFET
September 2008 Rev 5
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STD2NK70Z STMICROELECTRONICS-STD2NK70Z_06 Datasheet
457Kb / 16P
   N-channel 700V - 6廓 - 1.6 A - DPAK/IPAK Zener protected SuperMESH??Power MOSFET
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
   N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
September 2003
STP4NM60 STMICROELECTRONICS-STP4NM60_09 Datasheet
711Kb / 17P
   N-channel 600 V, 1.3 廓, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
STD7NK30Z STMICROELECTRONICS-STD7NK30Z Datasheet
731Kb / 15P
   N-channel, 300 V, 0.80 廓, 5 A TO-220, TO-220FP, DPAK Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com