Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU2NK100Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STU2NK100Z
Description  N-channel 1000 V, 6.25 廓, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2NK100Z Datasheet(HTML) 2 Page - STMicroelectronics

  STU2NK100Z Datasheet HTML 1Page - STMicroelectronics STU2NK100Z Datasheet HTML 2Page - STMicroelectronics STU2NK100Z Datasheet HTML 3Page - STMicroelectronics STU2NK100Z Datasheet HTML 4Page - STMicroelectronics STU2NK100Z Datasheet HTML 5Page - STMicroelectronics STU2NK100Z Datasheet HTML 6Page - STMicroelectronics STU2NK100Z Datasheet HTML 7Page - STMicroelectronics STU2NK100Z Datasheet HTML 8Page - STMicroelectronics STU2NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
STD2NK100Z - STP2NK100Z - STU2NK100Z
2/16
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15


Similar Part No. - STU2NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU2N105K5 STMICROELECTRONICS-STU2N105K5 Datasheet
1Mb / 21P
   N-channel 1050 V, 6 廓 typ., 1.5 A MDmesh??K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
November 2014 Rev 3
logo
Inchange Semiconductor ...
STU2N105K5 ISC-STU2N105K5 Datasheet
375Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STU2N62K3 STMICROELECTRONICS-STU2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
logo
VBsemi Electronics Co.,...
STU2N62K3 VBSEMI-STU2N62K3 Datasheet
977Kb / 9P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STU2N80K5 STMICROELECTRONICS-STU2N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 3.5 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
More results

Similar Description - STU2NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
   N-channel 900V - 5廓 - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
   N-channel 520V - 1.22廓 - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
STF5NK52ZD STMICROELECTRONICS-STF5NK52ZD Datasheet
777Kb / 17P
   N-channel 520 V,1.22 廓,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH??Power MOSFET
September 2008 Rev 5
STP3NK80Z STMICROELECTRONICS-STP3NK80Z_06 Datasheet
537Kb / 18P
   N-channel 800V - 3.8廓 - 2.5A - TO-220/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STP4NK80Z STMICROELECTRONICS-STP4NK80Z_06 Datasheet
546Kb / 18P
   N-channel 800V - 3廓 - 3A - TO-220/TO-220FP/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
STD2NK70Z STMICROELECTRONICS-STD2NK70Z_06 Datasheet
457Kb / 16P
   N-channel 700V - 6廓 - 1.6 A - DPAK/IPAK Zener protected SuperMESH??Power MOSFET
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
   N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH??Power MOSFET
September 2003
STP4NM60 STMICROELECTRONICS-STP4NM60_09 Datasheet
711Kb / 17P
   N-channel 600 V, 1.3 廓, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
STD7NK30Z STMICROELECTRONICS-STD7NK30Z Datasheet
731Kb / 15P
   N-channel, 300 V, 0.80 廓, 5 A TO-220, TO-220FP, DPAK Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com