Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC875 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC875
Description  NPN Darlington transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC875 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC875_04 Datasheet HTML 1Page - NXP Semiconductors BC875_04 Datasheet HTML 2Page - NXP Semiconductors BC875_04 Datasheet HTML 3Page - NXP Semiconductors BC875_04 Datasheet HTML 4Page - NXP Semiconductors BC875_04 Datasheet HTML 5Page - NXP Semiconductors BC875_04 Datasheet HTML 6Page - NXP Semiconductors BC875_04 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2004 Nov 05
2
Philips Semiconductors
Product specification
NPN Darlington transistors
BC875; BC879
FEATURES
• High DC current gain (min. 1000)
• High current (max. 1 A)
• Low voltage (max. 80 V)
• Integrated diode and resistor.
APPLICATIONS
• Relay drivers.
DESCRIPTION
NPN Darlington transistor in a TO-92 (SOT54) plastic
package. PNP complement: BC878.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
Fig.1
Simplified outline (TO-92; SOT54) and
symbol.
handbook, halfpage
MAM307
1
2
3
1
2
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BC875
SC-43A
plastic single-ended leaded (through hole) package; 3 leads
SOT54
BC879


Similar Part No. - BC875_04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC875 PHILIPS-BC875 Datasheet
44Kb / 8P
   NPN Darlington transistors
1999 May 28
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
More results

Similar Description - BC875_04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSA26 PHILIPS-MPSA26 Datasheet
43Kb / 8P
   NPN Darlington transistors
1999 Apr 27
PMBTA13 PHILIPS-PMBTA13 Datasheet
55Kb / 8P
   NPN Darlington transistors
1999 Apr 29
logo
SEMTECH ELECTRONICS LTD...
BCV27 SEMTECH_ELEC-BCV27 Datasheet
131Kb / 2P
   NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 NXP-BCV29 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
   NPN Darlington transistors
1999 Apr 23
logo
Nexperia B.V. All right...
BCV29 NEXPERIA-BCV29_49 Datasheet
123Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
Microsemi Corporation
PTC401P MICROSEMI-PTC401P Datasheet
344Kb / 3P
   NPN Darlington Transistors
logo
NXP Semiconductors
PMBTA13 NXP-PMBTA13 Datasheet
110Kb / 7P
   NPN Darlington transistors
2004 Jan 22
BCV29 PHILIPS-BCV29_15 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
SHIKUES Electronics
BCV47 SKTECHNOLGY-BCV47 Datasheet
916Kb / 2P
   NPN Darlington Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com