Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT203-0400-3175 Datasheet(PDF) 5 Page - CUI INC

Part # AMT203-0400-3175
Description  12 BIT AB SOLUTE ENCODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203-0400-3175 Datasheet(HTML) 5 Page - CUI INC

  AMT203-0400-3175 Datasheet HTML 1Page - CUI INC AMT203-0400-3175 Datasheet HTML 2Page - CUI INC AMT203-0400-3175 Datasheet HTML 3Page - CUI INC AMT203-0400-3175 Datasheet HTML 4Page - CUI INC AMT203-0400-3175 Datasheet HTML 5Page - CUI INC AMT203-0400-3175 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
date
page
10/2010
5 of 6
APPLICATION NOTES
Encoder operational mode
• Initialization mode: At power up the encoder goes through an initiation and stabilization procedure.
This includes microprocessor stabilization and the program for combining Coarse
and Fine channel of the encoder for getting the absolute start position. This takes
less than 0.1 seconds.
• Tracking mode: Only the Fine channel is active and the MCU internal position register is updated with
data from Fine:
– MCU 12 bit position register is updated from Fine every 48 μs.
– For accurate position update without above time delay, outputs for incremental A quad B or Count
and Up/Dwn from the Fine channel are provided. These outputs are operational up to 8000 RPM
and there is no speed error. There is an acceleration error dependent on an internal filter constant
of about 100 μs.
– When using the incremental output there also is an Index output available, with one index pulse
per turn.
Serial Peripheral Interface Commands
The SPI or Serial Peripheral Interface Bus is a standard interface promoted by Motorola and Microchip among
others. It consists of 4 signals:
MOSI: Master Out Slave In
MISO: Master In Slave Out
SCK: Serial Clock
CSB: Chip Select (active low)
SPI BUS
The SPI bus runs full duplex and transfers multiples of 8 bits in a frame. The SPI type is the most common
(CPOL=0, CPHA=0), also known as Microwire. Data is captured on the rising edge of SCK and the output data is
changed after the falling edge of SCK.
Serial Peripheral Interface Bus (SPI) on AMT203
Figure 7: SPI BUS Timing Diagram
The msb data out on MISO is valid soon after CSB goes low. The MOSI data is valid soon after the falling edge of
SCK. The Encoder drives data out on MISO as long as CSB is low.
Normally, CSB goes low, then after 8 clocks the command is interpreted. CSB high resets the
clock counter, and terminates any command sequence.
SCK
MISO
MOSI
CSB
MSB
LSB
MSB
LSB
Setup
Terminology
MSB = most significant byte
LSB = least significant byte
msb = most significant bit
lsb = least significant bit
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER


Similar Part No. - AMT203-0400-3175

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203-2000 CUI-AMT203-2000 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203-2300 CUI-AMT203-2300 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203-3000 CUI-AMT203-3000 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203-3175 CUI-AMT203-3175 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203-4000 CUI-AMT203-4000 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
More results

Similar Description - AMT203-0400-3175

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
logo
CUI INC
AMT203_1012 CUI-AMT203_1012 Datasheet
375Kb / 6P
   12 BIT ABSOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
logo
ams AG
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
   12-bit Programmable Contactless Encoder
logo
IC-Haus GmbH
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
   12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com