Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT303Z-0250-2000 Datasheet(PDF) 4 Page - CUI INC

Part # AMT303Z-0250-2000
Description  COMMUTATION ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT303Z-0250-2000 Datasheet(HTML) 4 Page - CUI INC

  AMT303Z-0250-2000 Datasheet HTML 1Page - CUI INC AMT303Z-0250-2000 Datasheet HTML 2Page - CUI INC AMT303Z-0250-2000 Datasheet HTML 3Page - CUI INC AMT303Z-0250-2000 Datasheet HTML 4Page - CUI INC AMT303Z-0250-2000 Datasheet HTML 5Page - CUI INC AMT303Z-0250-2000 Datasheet HTML 6Page - CUI INC AMT303Z-0250-2000 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
date
page
PART NUMBER:
DESCRIPTION:
11/2010
4 of 7
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT303
COMMUTATION ENCODER
AMT303 COM
US Patent No. 6892590
SCALE 5:1
18.60mm
R1.20mm
0.55
R2.10 0.083
25.48 1.003
1.70 0.067
(2 PLCS)
16.00 0.630
0.116
(2 PLCS)
2.00 0.079
(4 PLCS)
22.00 0.866
21.45 0.844
20.90 0.823
19.05 0.750
2.95
12.60 0.496
15.33 0.604
A (3 PLCS)
10.93 0.430
37.39 1.472
10.34 0.407
15.30 0.602
R
0.610
15.49
28.58 1.125
SPECIFIED
±0.05mm UNLESS OTHERWISE
TOLERANCE:
RoHS
DETAIL A
SCALE 4 : 1


Similar Part No. - AMT303Z-0250-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
More results

Similar Description - AMT303Z-0250-2000

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340 AVAGO-AEDB-9340 Datasheet
115Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com