Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT203-0200-4760 Datasheet(PDF) 6 Page - CUI INC

Part # AMT203-0200-4760
Description  12 BIT AB SOLUTE ENCODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203-0200-4760 Datasheet(HTML) 6 Page - CUI INC

  AMT203-0200-4760 Datasheet HTML 1Page - CUI INC AMT203-0200-4760 Datasheet HTML 2Page - CUI INC AMT203-0200-4760 Datasheet HTML 3Page - CUI INC AMT203-0200-4760 Datasheet HTML 4Page - CUI INC AMT203-0200-4760 Datasheet HTML 5Page - CUI INC AMT203-0200-4760 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
date
page
10/2010
6 of 6
SPI Commands:
The commands are all 8 bits long, the msb is shifted in first, and is the leftmost bit shown in Figure 7.
Encoder Protocol Considerations:
The Encoder is designed to operate with a high speed SPI link, in full duplex mode. This implies the host can is-
sue commands and read data as quickly as necessary but there has to be an acknowledgement from the slave just
before the data is transferred.
Essentially the host issues a command, receives zero or more wait sequences (0xA5 or 1010,0101) then the echo
of the command followed by an optional payload.
So, for example to read the position, the host issues rd_pos (0x10 or 0001,0000), receiving a series of wait
sequences (0xA5) then a reflected rd_pos (0x10), then the MSB data followed by the LSB data.
It is recommended that the host leave a 20 us gap between reads to avoid extending the read time by forcing wait
sequences.
Command 0x00: nop_a5
This command is ignored by the Encoder and simply causes the next data to be read. The encoder responds with
0xA5 if there is nothing else to send.
Command 0x10: rd_pos
This command causes a read of the current position.
The sequence is as follows:
1) issue read command, receive idle character
2) issue NOP, receive idle character 0xA5 or 0x10
3) repeat step 2 if it is 0xA5
4) issue NOP and receive MSB position (4 bits valid data)
5) issue NOP and receive LSB position (8 bits valid data)
Note that it is possible to overlap commands, so instead of NOP is several steps above
the user could start another operation. The read and write FIFOs for the PCI streams are
16 bytes long and it is up to the user to avoid overflow.
Command 0x70: set_zero_point
This command sets the current position to zero and saves this setting in the EEPROM. The host should
send nop_a5 repeatedly after sending this command, the response will be 0xa5 while update is
proceeding and 0x80 is the response when update is finished.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER


Similar Part No. - AMT203-0200-4760

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203-2000 CUI-AMT203-2000 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203-2300 CUI-AMT203-2300 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203-3000 CUI-AMT203-3000 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203-3175 CUI-AMT203-3175 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
AMT203-4000 CUI-AMT203-4000 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
More results

Similar Description - AMT203-0200-4760

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
logo
CUI INC
AMT203_1012 CUI-AMT203_1012 Datasheet
375Kb / 6P
   12 BIT ABSOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
241Kb / 8P
   12 BIT ABSOLUTE ENCODER
logo
ams AG
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
   12-bit Programmable Contactless Encoder
logo
IC-Haus GmbH
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
   12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com