Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-2597 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPXI-2597
Description  26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-2597 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPXI-2597 Datasheet HTML 1Page - National Instruments Corporation NIPXI-2597 Datasheet HTML 2Page - National Instruments Corporation NIPXI-2597 Datasheet HTML 3Page - National Instruments Corporation NIPXI-2597 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
26.5 GHz Multiplexers, SPDT Relays, and Transfer Switches
3
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
Electromagnetic Compatibility
Emissions ............................................
EN 55011 Class A at 10 m FCC
Part 15A above 1 GHz
Immunity..............................................
EN 61326:1997 + A2:2001, Table 1
EMC/EMI.............................................
CE, C-Tick, and FCC Part 15
(Class A) Compliant
Note: For EMC compliance, operate these devices with shielded cabling.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
Low-Voltage Directive (safety) ...........
73/23/EEC
Electromagnetic Compatibility
Directive (EMC) ...................................
89/336/EEC
Note: Refer to the Declaration of Conformity (DoC) for this product for any additional regulatory
compliance information. To obtain the DoC for this product, visit ni.com/certification, search
by model number or product line, and click the appropriate link in the Certification column.


Similar Part No. - NIPXI-2597

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-2590 NI-NIPXI-2590 Datasheet
428Kb / 3P
   4x1 unterminated multiplexer/50 characteristic impedance
NIPXI-2591 NI-NIPXI-2591 Datasheet
428Kb / 3P
   4x1 unterminated multiplexer/50 characteristic impedance
NIPXI-2593 NI-NIPXI-2593 Datasheet
537Kb / 4P
   500 MHz bandwidth/50 OHM characteristic impedance
NIPXI-2593 NI-NIPXI-2593 Datasheet
508Kb / 4P
   250 MS/s, 125 MHz, 8-Bit Digitizers
NIPXI-2593 NI-NIPXI-2593 Datasheet
189Kb / 3P
   150MHz,200MS/s,12-BitDigitizersa
More results

Similar Description - NIPXI-2597

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2027 HP-HMMC-2027 Datasheet
77Kb / 6P
   DC-26.5 GHz SPDT GaAs MMIC Switch
logo
Intersil Corporation
IH5021 INTERSIL-IH5021 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Peregrine Semiconductor
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
logo
Agilent(Hewlett-Packard...
N4375B HP-N4375B Datasheet
589Kb / 20P
   20 GHz and 26.5 GHz Single-Mode
logo
National Instruments Co...
776572-90 NI-776572-90 Datasheet
428Kb / 3P
   1.3 GHz and 4 GHz Multiplexers
logo
Analog Devices
ADL8112 AD-ADL8112 Datasheet
1Mb / 27P
   10 MHz to 26.5 GHz Amplifier with Bypass Switches
Rev. 0
logo
Agilent(Hewlett-Packard...
N4376B HP-N4376B Datasheet
561Kb / 16P
   20 GHz and 26.5 GHz Multimode Lightwave Component Analyzer
logo
BOWEI Integrated Circui...
SW20X BOWEI-SW20X Datasheet
115Kb / 1P
   SPDT Switches
logo
Micronetics, Inc.
2S3021 MICRONETICS-2S3021 Datasheet
307Kb / 1P
   SPDT SWITCHES
logo
Mini-Circuits
M3SW_A-2-50DR MINI-M3SW_A-2-50DR Datasheet
128Kb / 1P
   High Isolation Switches SPDT, DC to 4.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com