Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR21592 Datasheet(PDF) 10 Page - International Rectifier

Part # IR21592
Description  IR21592 Dimming Ballast Control IC Design Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21592 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR21592_08 Datasheet HTML 6Page - International Rectifier IR21592_08 Datasheet HTML 7Page - International Rectifier IR21592_08 Datasheet HTML 8Page - International Rectifier IR21592_08 Datasheet HTML 9Page - International Rectifier IR21592_08 Datasheet HTML 10Page - International Rectifier IR21592_08 Datasheet HTML 11Page - International Rectifier IR21592_08 Datasheet HTML 12Page - International Rectifier IR21592_08 Datasheet HTML 13Page - International Rectifier IR21592_08 Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
www.irf.com
3) IR21592 Programmable Inputs
With all of the lamp requirements fulfilled, the component values for setting the programmable inputs
of the IR21592 are calculated as:
Table V, IR21592 Programmable Inputs for T8/36W lamp.
Important Note: These design kits are intended as a demonstration of the functionality and perfor-
mance of the IR21592 Dimming Ballast Control IC only. Adequate EMI filtering, line transient protec-
tion, galvanic dim control input isolation, and ballast and lamp life testing are not considered in this
design.
Equation No.
Variable
Value
(8)
%
100
f
46kHz
(8)
%
1
f
58kHz
(9)
%
100
ϕ
-56.12deg
(9)
%
1
ϕ
-89.27deg
(10)
FMIN
R
33kOhm
(11)
CS
R
0.8 Ohm
(12)
IPH
R
24kOhm
(13)
TPH
C
330nF
(14)
MIN
R
27kOhm
(15)
MAX
R
24kOhm


Similar Part No. - IR21592_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592S IRF-IR21592S Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592S IRF-IR21592S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21592S IRF-IR21592S Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
More results

Similar Description - IR21592_08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com