Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMSA120150A-P14R-SZ-C Datasheet(PDF) 3 Page - CUI INC

Part # EMSA120150A-P14R-SZ-C
Description  SWITCHING POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMSA120150A-P14R-SZ-C Datasheet(HTML) 3 Page - CUI INC

  EMSA120150A-P14R-SZ-C Datasheet HTML 1Page - CUI INC EMSA120150A-P14R-SZ-C Datasheet HTML 2Page - CUI INC EMSA120150A-P14R-SZ-C Datasheet HTML 3Page - CUI INC EMSA120150A-P14R-SZ-C Datasheet HTML 4Page - CUI INC EMSA120150A-P14R-SZ-C Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
09/2010
3 of 5
SWITCHING POWER SUPPLY
EMSA 18W
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
MECHANICAL DRAWING
input plug
multi-blade
(UL, VDE, UK, SAA, CCC)
weight
167 g
case size
74 L x 43.5 W x 35.3 H mm
tolerance: ±1 mm
EMS-CC
EMS-EU
EMS-UK
EMS-AU
EMS-US
DC CORD
22 AWG
EMSA240070
22 AWG
22 AWG
20 AWG
EMSA200090
EMSA180100
EMSA150120
20 AWG
EMSA120150
20 AWG
18 AWG
18 AWG
EMSA090200
EMSA060300
EMSA050300
Cable Gauge
Black wire, white stripe: Positive


Similar Part No. - EMSA120150A-P14R-SZ-C

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMSA120150 CUI-EMSA120150 Datasheet
252Kb / 5P
   SWITCHING POWER SUPPLY
EMSA120150 CUI-EMSA120150 Datasheet
291Kb / 5P
   AC-DC POWER SUPPLY
EMSA120150 CUI-EMSA120150 Datasheet
661Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - EMSA120150A-P14R-SZ-C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com