Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT52B Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BYT52B
Description  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYT52B Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BYT52B Datasheet HTML 1Page - EIC discrete Semiconductors BYT52B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm, 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM THERMAL RESISTANCE
RECTIFIED CURRENT
vs. LEAD LENGTH
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
AMBIENT TEMPERATURE, (
°C)
L , Lead Length (mm)
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - REVERSE CURRENT
vs. JUNCTION TEMPERATURE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 03 : October 5, 2005
RATING AND CHARACTERISTIC CURVES ( BAT52A - BAT52M )
1.6
1.2
0.8
0.4
2.0
10
1000
10
80
0
100
0
60
40
20
0.01
1
1.0
125
0.001
0.01
0.1
10
150
200
25
50
75
100
175
Tj, JUNCTION TEMPERATURE
TJ = 25
°C
50 Vdc
(approx)
D.U.T.
OSCILLOSCOPE
( NOTE 1 )
1
50
10
PULSE
GENERATOR
( NOTE 2 )
Trr
+ 0.5
0
- 0.25
- 1.0 A
1
SET TIME BASE FOR 25-35 ns/cm
VR = VRRM
half sinewave
RthJA = 45K/W
L = 10 mm
L
L
TL = constant


Similar Part No. - BYT52B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT52B VISHAY-BYT52B Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Galaxy Semi-Conductor H...
BYT52B BILIN-BYT52B Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT52B VISHAY-BYT52B Datasheet
114Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
logo
Diode Semiconductor Kor...
BYT52B DSK-BYT52B Datasheet
266Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYT52B LUGUANG-BYT52B Datasheet
1Mb / 2P
   Fast Recovery Rectifiers
More results

Similar Description - BYT52B

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com