Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMSA120250B-P13R-SZ-C Datasheet(PDF) 4 Page - CUI INC

Part # EMSA120250B-P13R-SZ-C
Description  SWITCHING POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMSA120250B-P13R-SZ-C Datasheet(HTML) 4 Page - CUI INC

  EMSA120250B-P13R-SZ-C Datasheet HTML 1Page - CUI INC EMSA120250B-P13R-SZ-C Datasheet HTML 2Page - CUI INC EMSA120250B-P13R-SZ-C Datasheet HTML 3Page - CUI INC EMSA120250B-P13R-SZ-C Datasheet HTML 4Page - CUI INC EMSA120250B-P13R-SZ-C Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
09/2010
4 of 5
SWITCHING POWER SUPPLY
EMSA 30W
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
OUTPUT PLUG OPTIONS
*Contact CUI for additional output plug options.
9.5
9.5
Stripped and Tinned
9.5
9.5
9.5
9.5
9.5
C
5.0
5.0
NA
1.7
1.7
0.7
EIAJ-3
EIAJ-2
EIAJ-1
EIAJ
4.75
4.0
2.35
P14/P14R
P13/P13R
D Unit
B
A
P12/P12R
mm
mm
mm
2.5
2.1
5.5
5.5
P11
C
Unit
B
A
P10
mm
mm
9.5
9.5
9.5
1.05
1.35
1.3
2.5
2.1
3.8
3.8
3.5
5.5
5.5
P9/P9R
P8/P8R
P7/P7R
P6/P6R
C
Unit
B
A
*Tip positive
P5/P5R
mm
mm
mm
mm
mm
P1R
P1
Right Angle PXR
Standard PX
Right Angle PXXR
ST
stripped and tinned
PXX X X
Standard PXX
N = center negative
Plug polarity:
“blank” = N/A
P = center positive
Plug angle:
“blank” = standard
R = right angle
Plug type
DC PLUG TYPE
EIAJ Plugs
Locking DC Plug
Standard DC Plug
3.5 mm Phono Plug


Similar Part No. - EMSA120250B-P13R-SZ-C

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMSA120250 CUI-EMSA120250 Datasheet
319Kb / 5P
   AC-DC POWER SUPPLY
EMSA120250 CUI-EMSA120250 Datasheet
572Kb / 5P
   AC-DC POWER SUPPLY
EMSA120250 CUI-EMSA120250_11 Datasheet
319Kb / 5P
   AC-DC POWER SUPPLY
EMSA120250 CUI-EMSA120250_13 Datasheet
572Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - EMSA120250B-P13R-SZ-C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com