Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NICFP-BP-8 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NICFP-BP-8
Description  Compact FieldPoint Real-Time Controllers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NICFP-BP-8 Datasheet(HTML) 3 Page - National Instruments Corporation

  NICFP-BP-8 Datasheet HTML 1Page - National Instruments Corporation NICFP-BP-8 Datasheet HTML 2Page - National Instruments Corporation NICFP-BP-8 Datasheet HTML 3Page - National Instruments Corporation NICFP-BP-8 Datasheet HTML 4Page - National Instruments Corporation NICFP-BP-8 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications
Specifications subject to change without notice. The following
specifications are typical for the range -40 to 70 °C unless
otherwise noted.
Memory
cFP-2200..............................................
128 MB nonvolatile;
128 MB DRAM
cFP-2210..............................................
128 MB nonvolatile;
256 MB DRAM
cFP-2220..............................................
256 MB nonvolatile;
256 MB DRAM
Memory lifetime (nonvolatile) ............
100,000 writes per block
Network
Network interface ...............................
10BASE-T and
100BASE-TX Ethernet
Compatibility .......................................
IEEE 802.3
Communication rates ..........................
10 Mb/s, 100 Mb/s, autonegotiated
Maximum cabling distance.................
100 m/segment
Serial Ports
cFP-2200..............................................
1 RS232 port
cFP-2210..............................................
2 RS232 ports
cFP-2220..............................................
3 RS232 ports; 1 RS485 port
RS232 (DTE) Ports
Baud rate.............................................
Up to 115,200 b/s
Data bits..............................................
5, 6, 7, 8
Stop bits ..............................................
1, 1.5, 2
Parity ...................................................
Odd, Even, Mark, Space
Flow control ........................................
RTS/CTS, XON/XOFF, DTR/DSR
RS485 (DTE) Port
Baud rate.............................................
9,600 to 115,200 b/s
Data bits..............................................
5, 6, 7, 8
Stop bits ..............................................
1, 1.5, 2
Parity ...................................................
Odd, Even, Mark, Space
Flow control ........................................
XON/XOFF
Wire mode ..........................................
4-wire isolation voltage,
port to earth ground
Continuous ......................................
100 Vrms
Dielectric withstand .......................
740 Vrms, verified by 5 s test
USB Port (cFP-2220 only)
Maximum data rate ...........................
12 Mb/s
Maximum current ...............................
500 mA
Power Requirements
Caution: You must use a National Electric Code (NEC) UL-listed
Class 2 power supply with cFP-22xx controllers.
Power supply range ............................
11 to 30 VDC
Recommended power supply
cFP-BP-4 system .............................
15 W
cFP-BP-8 system .............................
20 W
Power consumption ............................
6.1 W + 1.1 (I/O module
power requirements)
Physical Characteristics
If you need to clean the controller, wipe it with a dry towel.
Screw-terminal wiring ........................
Use copper conductor wire with
10 mm (0.39 in.) of insulation
stripped from the end
External digital I/O terminals .........
16 to 28 AWG
Power supply terminals ..................
14 to 30 AWG
Torque for screw terminals.................
0.5 to 0.6 N•m (4.4 to 5.3 lb•in.)
Weight.................................................
278 g (9.8 oz)
Environmental
The cFP-22xx controllers are intended for indoor use only, but they may
be used outdoors if mounted in a suitably sealed enclosure.
Operating temperature
(IEC 60068-2-1, IEC 60068-2-2)...........
-40 to 70 °C
Storage temperature
(IEC 60068-2-1, IEC 60068-2-2)...........
-55 to 85 °C
Operating humidity
(IEC 60068-2-56)..................................
10 to 90% RH, noncondensing
Storage humidity (IEC 60068-2-56).....
5 to 95% RH, noncondensing
Maximum altitude...............................
2,000 m
Pollution degree (IEC 60664) ..............
2
Shock and Vibration
To meet these specifications, you must panel mount the Compact FieldPoint
system and affix ferrules to the ends of the power terminal wires.
Operating shock (IEC 60068-2-27) ......
30 g, 11 ms half sine; 50 g,
3 ms half sine; 18 shocks at
6 orientations
Operating vibration, random
(IEC 60068-2-64)..................................
5 grms, 10 to 500 Hz
Operating vibration, sinusoidal
(IEC 60068-2-6)....................................
5 g, 10 to 500 Hz
Safety Voltages
Connect only voltages that are within these limits
V terminal to C terminal .....................
35 V max, Measurement Category I
Caution: Do not connect the system to signals or use for measurements
within Measurement Category II, III, or IV.
Compact FieldPoint Real-Time Controllers
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)


Similar Part No. - NICFP-BP-8

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-BP-8 NI-NICFP-BP-8 Datasheet
426Kb / 3P
   4- and 8-slot backplanes/Solid metal construction for rugged installati
NICFP-BP-8 NI-NICFP-BP-8 Datasheet
339Kb / 5P
   Digital Input Modules for Compact FieldPoint
NICFP-BP-8 NI-NICFP-BP-8 Datasheet
46Kb / 4P
   LabVIEW Real-Time Controller Interfaces with Ethernet
More results

Similar Description - NICFP-BP-8

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-21XX NI-NICFP-21XX Datasheet
408Kb / 6P
   Compact FieldPoint LabVIEW Real-Time Controllers with Ethernet
777849-01 NI-777849-01 Datasheet
503Kb / 3P
   Real-Time Embedded Controllers for PXI
CRIO-9012 NI-CRIO-9012 Datasheet
117Kb / 4P
   CompactRIO High-Performance Real-Time Controllers
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
   ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
CFP-AIO-600 NI-CFP-AIO-600 Datasheet
609Kb / 5P
   Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
CFP-RLY-421 NI-CFP-RLY-421 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
logo
National Instruments Co...
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
   Strain Gage Module for Compact FieldPoint
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com