Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFP-TC-120 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # CFP-TC-120
Description  Thermocouple and RTD Modules for Compact FieldPoint
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

CFP-TC-120 Datasheet(HTML) 4 Page - National Instruments Corporation

  CFP-TC-120 Datasheet HTML 1Page - National Instruments Corporation CFP-TC-120 Datasheet HTML 2Page - National Instruments Corporation CFP-TC-120 Datasheet HTML 3Page - National Instruments Corporation CFP-TC-120 Datasheet HTML 4Page - National Instruments Corporation CFP-TC-120 Datasheet HTML 5Page - National Instruments Corporation CFP-TC-120 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications
Typical for -40 to 70 °C unless otherwise noted.
Input Characteristics
Number of inputs ................................
8
ADC resolution ....................................
16 bits, 1 in 65,536
Type of ADC ........................................
Delta-sigma
Filters...................................................
50/60 Hz rejection
Excitation current
cFP-RTD-122 ...................................
0.25 mA
cFP-RTD-124 ...................................
2 mA
Data scaling options
cFP-TC-120 ......................................
Temperature (°C, °F, °K) or mV
cFP-RTD-12x....................................
Temperature (°C, °F, °K)
or resistance (Ω)
Update period, all channels
cFP-TC-125
Filter off ......................................
0.22 s
Filter on ......................................
0.99 s
cFP-TC-120 ......................................
1.13 s
cFP-RTD-12x....................................
1.08 s
Signal input bandwidth
cFP-TC-120 ......................................
3 Hz
cFP-TC-125 ......................................
12 Hz
Cold-junction accuracy cFP-TC-12x
With cFP-CB-3 connector block......
0.25 °C typ, 0.5 °C max
Input impedance (cFP-TC-12x) ............
20 MΩ
Input current (cFP-TC-12x)...................
35 nA typ, 140 nA max
Input noise ..........................................
±1 LSBpp
Overvoltage protection
cFP-TC-120 ......................................
±40 V
cFP-TC-125 ......................................
±250 V
Common-mode voltage between channels referenced
to isolated ground
cFP-TC-125 ......................................
250 V
cFP-TC-120 ......................................
1 V
cFP-RTD-12x....................................
2 V
Safety Isolation Voltage
Maximum safety isolation voltage .....
250 Vrms, Installation Category II
(cFP-TC-12x only)
Channel-to-channel safety isolation...
No isolation between channels
Transient overvoltage..........................
2,300 Vrms
Physical Characteristics
LED indicators
POWER (green) ...............................
Power on and self-test passed
READY (green) ................................
Module configured and ready
OPEN TC <0..7> (red)
(cFP-TC-12x)................................
Open or broken thermocouple
on channel
Dimensions..........................................
128 by 88 by 25 mm
(5.0 by 3.5 by 1.0 in.)
Weight
cFP-TC-120 ......................................
130 g (4.6 oz)
cFP-TC-125 ......................................
125 g (4.4 oz)
cFP-RTD-12x....................................
110 g (3.7 oz)
Power Requirement
Power from network module
cFP-TC-120 ......................................
350 mW
cFP-TC-125 ......................................
650 mW
Environmental
Operating temperature .......................
-40 to 70 °C
Storage temperature...........................
-55 to 85 °C
(cFP-TC-125 -40 to 80 °C)
Relative humidity ................................
10 to 90%, noncondensing
Maximum altitude...............................
2,000 m; at higher altitudes
the isolation voltage ratings
must be lowered
Pollution degree ..................................
2
Shock and Vibration
Operating vibration, random
(IEC 60068-2-64) .............................
10 to 500 Hz, 5 grms
Operating vibration, sinusoidal
(IEC 60068-2-6) ...............................
10 to 500 Hz, 5 g
Operating shock
(IEC 60068-2-27) .............................
50 g, 3 ms half sine,
18 shocks at 6 orientations;
30 g, 11 ms half sine,
18 shocks at 6 orientations
Safety and Compliance
Safety
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product meets the requirements of the following EMC standards for
electrical equipment for measurement, control, and laboratory use:
• EN 61326 (IEC 61326): Class A emissions; Industrial immunity
• EN 55011 (CISPR 11): Group 1, Class A emissions
• AS/NZS CISPR 11: Group 1, Class A emissions
• FCC 47 CFR Part 15B: Class A emissions
• ICES-001: Class A emissions
Thermocouple and RTD Modules for Compact FieldPoint
4
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)


Similar Part No. - CFP-TC-120

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP-0201TB COPAL-CFP-0201TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0202TB COPAL-CFP-0202TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0211TB COPAL-CFP-0211TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0212TB COPAL-CFP-0212TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0301TB COPAL-CFP-0301TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
More results

Similar Description - CFP-TC-120

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
CFP-AIO-600 NI-CFP-AIO-600 Datasheet
609Kb / 5P
   Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
CFP-RLY-421 NI-CFP-RLY-421 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
CFP-AO-200 NI-CFP-AO-200 Datasheet
277Kb / 5P
   Analog Output Modules for Compact FieldPoint
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
   Digital Input Modules for Compact FieldPoint
NICFP-CTR-500 NI-NICFP-CTR-500 Datasheet
215Kb / 5P
   High-Speed Counter Modules for Compact FieldPoint
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
   Strain Gage Module for Compact FieldPoint
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
   Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
logo
National Instruments Co...
NICFP-180X NI-NICFP-180X Datasheet
1Mb / 5P
   Ethernet/Serial Interfaces for Compact FieldPoint
CFP-AI-118 NI-CFP-AI-118 Datasheet
149Kb / 4P
   Analog Input Module for Compact FieldPoint
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com