Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NICFP-CB-1 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NICFP-CB-1
Description  Compact FieldPoint Real-Time Controllers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NICFP-CB-1 Datasheet(HTML) 1 Page - National Instruments Corporation

  NICFP-CB-1 Datasheet HTML 1Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 2Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 3Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 4Page - National Instruments Corporation NICFP-CB-1 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Compact FieldPoint Real-Time Controllers
Overview
The NI Compact FieldPoint programmable automation controller (PAC)
is designed for industrial control applications performing advanced
embedded control, data logging, and network connectivity.
It combines the packaging, specifications, and reliability of a
programmable logic controller (PLC) with the software, flexibility,
connectivity, and functionality of a PC. Compact FieldPoint, a reliable
platform designed for rugged industrial environments, features 2,300 V
transient overvoltage protection, -40 to 70 °C temperature range, and
backup power supply connections to protect against primary power failure.
The cFP-22xx controllers include an industrial 400 MHz Freescale
MPC5200 real-time processor for intelligent distributed applications
requiring industrial-grade reliability – such as process and discrete
control systems – to open and close valves, run control loops, log data
on a centralized or local level, and perform real-time simulation and
analysis. The cFP-22xx controllers also offer up to 256 MB of SDRAM
and onboard memory, plus CompactFlash and USB slots on the cFP-2220
for external storage. With the 10/100 Mb/s Ethernet and serial ports,
you can communicate via TCP/IP, UDP, Modbus, and serial protocols, as
well as take advantage of the built-in Web (HTTP) and file (FTP) servers.
The Compact FieldPoint real-time controller connects to a 4- or 8-slot
solid backplane and controls a wide variety of hot-swappable I/O modules.
The modular I/O architecture with built-in signal conditioning and
isolation provides direct connectivity to industrial sensors such as analog
voltage, 4 to 20 mA current, thermocouples, RTDs, pressure, strain, flow,
pulse-width modulation (PWM), and 24 V digital I/O.
Software
NI LabVIEW is a graphical development environment that delivers
unparalleled flexibility and ease of use in demanding industrial
measurement, automation, and control applications. With LabVIEW, you
can quickly create user interfaces for interactive software system control
and easily construct simple or complex applications using an extensive
palette of functions and tools – from simple analog PID process control
loops to high-channel-count hybrid control systems. For extreme reliability
and determinism, cFP-22xx controllers run the LabVIEW Real-Time Module
on the Wind River VxWorks real-time operating system (RTOS), providing
the functionality, connectivity, and flexibility of LabVIEW software on a
small industrial platform.
• Execution target for NI LabVIEW
Real-Time applications
• 400 MHz real-time processor with
up to 256 MB of SDRAM
• Up to 512 MB of nonvolatile storage,
removable CompactFlash and USB ports
• Up to 2 Ethernet ports for communication
for distributed real-time systems
• Dual redundant 11 to 30 VDC power
supply inputs, low power
• Up to 4 serial ports (3 RS232 and
1 RS485) for communication
• Industrial certifications, -40 to 70 °C
operating temperature range
Operating Systems
• LabVIEW Real-Time (VxWorks)
Recommended Software
• LabVIEW Real-Time Module 8.5.1 or later
• NI-FieldPoint driver 6.0.1 or later
NI cFP-2220, NI cFP-2210, NI cFP-2200
Controller
DRAM Memory (MB)
Internal Nonvolatile
Storage (MB)
Removable
CompactFlash
Removable USB
Ethernet Ports
RS232 Ports
RS485 Ports
cFP-2220
256
256


2
3
1
cFP-2210
256
128
1
2
0
cFP-2200
128
128
1
1
0
Table 1. NI cFP-22xx Selection Guide


Similar Part No. - NICFP-CB-1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
426Kb / 3P
   4- and 8-slot backplanes/Solid metal construction for rugged installati
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
400Kb / 4P
   8 or 16 digital outputs/Fused outputs for short circuit protection cFP-DO-410
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
NICFP-CB-1 NI-NICFP-CB-1 Datasheet
609Kb / 5P
   Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
More results

Similar Description - NICFP-CB-1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NICFP-21XX NI-NICFP-21XX Datasheet
408Kb / 6P
   Compact FieldPoint LabVIEW Real-Time Controllers with Ethernet
777849-01 NI-777849-01 Datasheet
503Kb / 3P
   Real-Time Embedded Controllers for PXI
CRIO-9012 NI-CRIO-9012 Datasheet
117Kb / 4P
   CompactRIO High-Performance Real-Time Controllers
logo
RICOH electronics devic...
RS5C313 RICOH-RS5C313 Datasheet
267Kb / 32P
   ULTRA-COMPACT REAL-TIME CLOCK IC
RS5C314 RICOH-RS5C314 Datasheet
59Kb / 4P
   ULTRA-COMPACT REAL-TIME CLOCK IC?
logo
National Instruments Co...
FP-AI-100 NI-FP-AI-100 Datasheet
619Kb / 4P
   Analog Input Modules for Compact FieldPoint and FieldPoint
CFP-AIO-600 NI-CFP-AIO-600 Datasheet
609Kb / 5P
   Analog Input/Output Combination Modules for Compact FieldPoint and FieldPoint
CFP-RLY-421 NI-CFP-RLY-421 Datasheet
651Kb / 3P
   Relay Modules for Compact FieldPoint
logo
RICOH electronics devic...
RS5C316A RICOH-RS5C316A Datasheet
288Kb / 38P
   ULTRA-COMPACT SERIAL ALARM REAL-TIME CLOCK ICs
logo
National Instruments Co...
NICFP-SG-140 NI-NICFP-SG-140 Datasheet
186Kb / 4P
   Strain Gage Module for Compact FieldPoint
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com