Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848CDXV6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC848CDXV6T1G
Description  Dual General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CDXV6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  BC848CDXV6T1G Datasheet HTML 1Page - ON Semiconductor BC848CDXV6T1G Datasheet HTML 2Page - ON Semiconductor BC848CDXV6T1G Datasheet HTML 3Page - ON Semiconductor BC848CDXV6T1G Datasheet HTML 4Page - ON Semiconductor BC848CDXV6T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC847CDXV6T1, BC847CDXV6T5 BC848CDXV6T1, BC848CDXV6T5
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. DC Current Gain vs. Collector
Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
1
0.1
0.01
0.001
0
100
300
400
600
700
900
1000
0.1
0.01
0.001
0.0001
0
0.05
0.10
0.15
0.20
0.25
0.30
Figure 3. Base Emitter Saturation Voltage vs.
Collector Current
Figure 4. Base Emitter Voltage vs. Collector
Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
0.1
0.01
0.001
0.0001
0.2
0.3
0.4
0.5
0.6
0.8
1.0
1.1
0.1
0.01
0.001
0.0001
0.2
0.3
0.5
0.6
0.8
0.9
1.1
1.2
200
500
800
VCE = 1 V
150°C
25°C
−55°C
IC/IB = 20
150°C
25°C
−55°C
0.7
0.9
IC/IB = 20
150°C
25°C
−55°C
0.4
0.7
1.0
VCE = 5 V
150°C
25°C
−55°C


Similar Part No. - BC848CDXV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC848CDXV6T1G ONSEMI-BC848CDXV6T1G Datasheet
102Kb / 5P
   Dual General Purpose Transistors
April, 2011 ??Rev. 3
BC848CDXV6T1G ONSEMI-BC848CDXV6T1G Datasheet
138Kb / 5P
   Dual General Purpose Transistors
November, 2011 ??Rev. 4
More results

Similar Description - BC848CDXV6T1G

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com