Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36CA6DFA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F36CA6DFA
Description  RENESAS MCU
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CA6DFA Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F36CA6DFA Datasheet HTML 1Page - Renesas Technology Corp R5F36CA6DFA Datasheet HTML 2Page - Renesas Technology Corp R5F36CA6DFA Datasheet HTML 3Page - Renesas Technology Corp R5F36CA6DFA Datasheet HTML 4Page - Renesas Technology Corp R5F36CA6DFA Datasheet HTML 5Page - Renesas Technology Corp R5F36CA6DFA Datasheet HTML 6Page - Renesas Technology Corp R5F36CA6DFA Datasheet HTML 7Page - Renesas Technology Corp R5F36CA6DFA Datasheet HTML 8Page - Renesas Technology Corp R5F36CA6DFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
REJ03B0277-0100 Rev.1.00 Jul.15, 2009
Page 2 of 90
M16C/6C Group
1. Overview
1.2
Specifications
Table 1.1 to Table 1.2 list specifications.
Table 1.1
Specifications (1/2)
Item
Function
Description
CPU
Central processing unit
Core
((multiplier: 16-bit × 16-bit
32-bit,
multiply and accumulate instruction: 16-bit × 16-bit + 32-bit
32-bit))
Number of basic instructions: 91
Minimum instruction execution time: 31.25 ns (f(BCLK) = 32 MHz, VCC1
= VCC2 = 2.7 to 5.5 V)
Operating modes: Single-chip, memory expansion, and microprocessor
Memory
ROM, RAM, data flash
See “Refer to Table 1.3 “Product List” .”
Voltage
Detection
Voltage detector
Power-on reset
3 voltage detection points (detection level of voltage detection 0
selectable)
Clock
Clock generator
5 circuits:
Main clock, sub clock, low-speed on-chip oscillator (125 kHz), high-speed
on-chip oscillator (40 MHz ± 10%), PLL frequency synthesizer
Oscillation stop detection: Main clock oscillation stop/reoscillation
detection function
Frequency divider circuit: Divide ratio selectable from 1, 2, 4, 8, and 16
Power saving features: Wait mode, stop mode
Real-time clock
External Bus
Expansion
Bus memory expansion
Address space: 1 MB
External bus interface: 0 to 3 wait states, 4 chip select outputs, 3 V and 5 V
interfaces
Bus format: Separate bus or multiplexed bus selectable, data bus width (8
bits), number of address buses(12, 16, or 20)
I/O Ports
Programmable I/O ports
CMOS I/O ports: 85 (selectable pull-up resistors)
N-channel open drain ports: 3
Interrupts
Interrupt vectors: 70
External interrupt inputs: 13 (NMI, INT × 8, key input × 4)
Interrupt priority levels: 7
Watchdog Timer
15-bit timer × 1 (with prescaler)
Automatic reset start function selectable
DMA
DMAC
4 channels, cycle steal mode
Trigger sources:55
Transfer modes: 2 (single transfer, repeat transfer)


Similar Part No. - R5F36CA6DFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F36CA6DFA RENESAS-R5F36CA6DFA Datasheet
769Kb / 99P
   This MCU consumes low power, and supports operating modes that allow additional
R5F36CA6DFA RENESAS-R5F36CA6DFA Datasheet
788Kb / 100P
   RENESAS MCU
More results

Similar Description - R5F36CA6DFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com