Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLCFL5E Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLCFL5E
Description  CFL Ballast for 26W/Spiral Lamp, 220VAC Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL5E Datasheet(HTML) 2 Page - International Rectifier

  IRPLCFL5E Datasheet HTML 1Page - International Rectifier IRPLCFL5E Datasheet HTML 2Page - International Rectifier IRPLCFL5E Datasheet HTML 3Page - International Rectifier IRPLCFL5E Datasheet HTML 4Page - International Rectifier IRPLCFL5E Datasheet HTML 5Page - International Rectifier IRPLCFL5E Datasheet HTML 6Page - International Rectifier IRPLCFL5E Datasheet HTML 7Page - International Rectifier IRPLCFL5E Datasheet HTML 8Page - International Rectifier IRPLCFL5E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IRPLCFL5E
2
www.irf.com
3. Electrical Characteristics
Input Power: 24W @ 220VAC
Input Current: 168mArms @ 220VAC
Starting Frequency: 100KHz
Run Frequency: 40KHz
Ballast turn-on voltage: 120VAC
Ballast turn-off voltage: 70VAC
4. IR2520D Ballast Control IC
The IR2520D is intended for driving CFL and TL lamps in CFL or small size ballasts applications.
The IR2520D integrates all of the necessary functions for preheat, ignition and on-state operation of
the lamp, plus, lamp fault protection and low AC-line protection, together with a complete high- and
low-side 600V half-bridge driver, the IR2520D has only 8 pins and fits into a standard SO8 or DIP8
package. The IR2520D has been designed to overcome the disadvantage of discrete self-oscillat-
ing solutions while maintaining low cost.
In the CFL market, the self-oscillating bipolar transistor solution remains very popular. This ap-
proach is very simple in nature but has many disadvantages including: DIAC or additional circuit
required for starting, additional free-wheeling diodes required, operating frequencies determined
by bipolar transistor storage time and toroid saturation (not easy to design, very dependent on
tolerances in production and difficult to set the frequencies precisely), unreliable “always hot” PTC
thermistor used for preheat that often fails in the field, no protection against lamp non-strike or open
filaments conditions, no smooth frequency ramping during ignition, capacitive mode operations,
high crest factor in the lamp current. These drawbacks can result in high susceptibility to components
and load tolerances, short lamp life and/or catastrophic failure of ballast output stage components.
The heart of the IR2520D is a voltage controlled oscillator (VCO) with externally programmable mini-
mum frequency and 0-5VDC analog voltage input. The IC includes adaptive zero-voltage switching
Input
(VAC)
Pin
(W)
Iinrms
(mA)
Vbusav
(V)
Freq.
(KHz)
PF
THD
(%)
200
21
160
280
40.3
0.63
115
210
22
160
290
40.3
0.625
117
220
24
168
300
40.3
0.62
118
230
24.2
168
310
40.3
0.62
118
240
24.5
168
320
40.3
0.61
118


Similar Part No. - IRPLCFL5E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 120VAC Input
More results

Similar Description - IRPLCFL5E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5U IRF-IRPLCFL5U Datasheet
260Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 120VAC Input
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com