Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR89 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAR89
Description  Silicon PIN Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR89 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAR89_07 Datasheet HTML 1Page - Infineon Technologies AG BAR89_07 Datasheet HTML 2Page - Infineon Technologies AG BAR89_07 Datasheet HTML 3Page - Infineon Technologies AG BAR89_07 Datasheet HTML 4Page - Infineon Technologies AG BAR89_07 Datasheet HTML 5Page - Infineon Technologies AG BAR89_07 Datasheet HTML 6Page - Infineon Technologies AG BAR89_07 Datasheet HTML 7Page - Infineon Technologies AG BAR89_07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2007-04-19
3
BAR89...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 0 V, f = 100 MHz
VR = 0 V, f = 1 GHz
VR = 0 V, f = 1.8 GHz
CT
-
-
-
-
0.25
0.25
0.19
0.18
0.35
-
-
-
pF
Reverse parallel resistance
VR = 0 V, f = 100 MHz
VR = 0 V, f = 1 GHz
VR = 0 V, f = 1.8 GHz
RP
-
-
-
35
5
3.5
-
-
-
k
Forward resistance
IF = 1 mA, f = 100 MHz
IF = 5 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
-
3
1.2
0.8
-
-
1.5
Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3 mA,
RL = 100 Ω
τ
rr
-
800
-
ns
I-region width
WI
-
19
-
µm
Insertion loss1)
IF = 1 mA, f = 1.8 GHz
IF = 5 mA, f = 1.8 GHz
IF = 10 mA, f = 1.8 GHz
IL
-
-
-
0.23
0.1
0.08
-
-
-
dB
Isolation1)
VR = 0 V, f = 0.9 GHz
VR = 0 V, f = 1.8 GHz
VR = 0 V, f = 2.45 GHz
ISO
-
-
-
19
14
11
-
-
-
1BAR89-02LRH in series configuration, Z = 50


Similar Part No. - BAR89_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR89-02L INFINEON-BAR89-02L Datasheet
427Kb / 6P
   Silicon PIN Diode
Jul-15-2003
More results

Similar Description - BAR89_07

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com