Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH6403 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # CPH6403
Description  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH6403 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  CPH6403 Datasheet HTML 1Page - Sanyo Semicon Device CPH6403 Datasheet HTML 2Page - Sanyo Semicon Device CPH6403 Datasheet HTML 3Page - Sanyo Semicon Device CPH6403 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N2100TS (KOTO) TA-2075 No.5990-1/4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel Silicon MOSFET
Load Switching Applications
Ordering number:ENN5990B
CPH6403
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications
Absolute Maximum Ratings at Ta = 25˚C
0.05
0.95
1
23
6
5
4
2.9
0.15
0.4
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2151A
[CPH6403]
Features
· Low ON-resistance.
· Ultrahigh-speed switching.
· 2.5V drive.
1 : Drain
2 : Drain
3 : Gate
4 : Source
5 : Drain
6 : Drain
SANYO : CPH6
Continued on next page.
Mounted on a ceramic board (900mm2
×0.8mm)
˚C
˚C
Marking : KC
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
2V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
1
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
6A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
14
2A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
6
.
1W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
2V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
2
=
S
G
0
=1
A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
8
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=5
.
03
.
1V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
=
D
A
3
=3
.
69
S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
1ID
V
,
A
3
=
S
G
V
4
=8
28
3m
R
)
n
o
(
S
D
2ID
V
,
A
1
=
S
G
V
5
.
2
=8
32
5m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
0
7F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
0
2F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
5
1F
p


Similar Part No. - CPH6403

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6401 SANYO-CPH6401 Datasheet
198Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH6402 SANYO-CPH6402 Datasheet
95Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH6404 SANYO-CPH6404 Datasheet
41Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH6405 SANYO-CPH6405 Datasheet
39Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH6406 SANYO-CPH6406 Datasheet
41Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - CPH6403

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
   Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
   Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
   Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
   Load Switching Applications
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
   Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
   Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
   Load Switching Applications
FW236 SANYO-FW236 Datasheet
42Kb / 4P
   Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
   Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
   Load Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com