Electronic Components Datasheet Search |
|
R5F212BCSNFP Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
R5F212BCSNFP Datasheet(HTML) 4 Page - Renesas Technology Corp |
4 / 66 page R8C/2A Group, R8C/2B Group 1. Overview Rev.2.10 Nov 26, 2007 Page 2 of 60 REJ03B0182-0210 1.1.2 Specifications Tables 1.1 and 1.2 outlines the Specifications for R8C/2A Group and Tables 1.3 and 1.4 outlines the Specifications for R8C/2B Group. Table 1.1 Specifications for R8C/2A Group (1) Item Function Specification CPU Central processing unit R8C/Tiny series core • Number of fundamental instructions: 89 • Minimum instruction execution time: 50 ns (f(XIN) = 20 MHz, VCC = 3.0 to 5.5 V) 100 ns (f(XIN) = 10 MHz, VCC = 2.7 to 5.5 V) 200 ns (f(XIN) = 5 MHz, VCC = 2.2 to 5.5 V) • Multiplier: 16 bits × 16 bits → 32 bits • Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits → 32 bits • Operation mode: Single-chip mode (address space: 1 Mbyte) Memory ROM, RAM Refer to Table 1.5 Product List for R8C/2A Group. Power Supply Voltage Detection Voltage detection circuit • Power-on reset • Voltage detection 2 I/O Ports Programmable I/O ports • Input-only: 2 pins • CMOS I/O ports: 55, selectable pull-up resistor • High current drive ports: 8 Clock Clock generation circuits 3 circuits: XIN clock oscillation circuit (with on-chip feedback resistor), On-chip oscillator (high-speed, low-speed) (high-speed on-chip oscillator has a frequency adjustment function), XCIN clock oscillation circuit (32 kHz) • Oscillation stop detection: XIN clock oscillation stop detection function • Frequency divider circuit: Dividing selectable 1, 2, 4, 8, and 16 • Low power consumption modes: Standard operating mode (high-speed clock, low-speed clock, high-speed on-chip oscillator, low-speed on-chip oscillator), wait mode, stop mode Real-time clock (timer RE) Interrupts • External: 5 sources, Internal: 23 sources, Software: 4 sources • Priority levels: 7 levels Watchdog Timer 15 bits × 1 (with prescaler), reset start selectable Timer Timer RA 8 bits × 1 (with 8-bit prescaler) Timer mode (period timer), pulse output mode (output level inverted every period), event counter mode, pulse width measurement mode, pulse period measurement mode Timer RB 8 bits × 1 (with 8-bit prescaler) Timer mode (period timer), programmable waveform generation mode (PWM output), programmable one-shot generation mode, programmable wait one- shot generation mode Timer RC 16 bits × 1 (with 4 capture/compare registers) Timer mode (input capture function, output compare function), PWM mode (output 3 pins), PWM2 mode (PWM output pin) Timer RD 16 bits × 2 (with 4 capture/compare registers) Timer mode (input capture function, output compare function), PWM mode (output 6 pins), reset synchronous PWM mode (output three-phase waveforms (6 pins), sawtooth wave modulation), complementary PWM mode (output three-phase waveforms (6 pins), triangular wave modulation), PWM3 mode (PWM output 2 pins with fixed period) Timer RE 8 bits × 1 Real-time clock mode (count seconds, minutes, hours, days of week), output compare mode Timer RF 16 bits × 1 (with capture/compare register pin and compare register pin) Input capture mode, output compare mode |
Similar Part No. - R5F212BCSNFP |
|
Similar Description - R5F212BCSNFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |