Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-07C10NKV4T Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # L-07C10NKV4T
Description  RF CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-07C10NKV4T Datasheet(HTML) 2 Page - Johanson Technology Inc.

  L-07C10NKV4T Datasheet HTML 1Page - Johanson Technology Inc. L-07C10NKV4T Datasheet HTML 2Page - Johanson Technology Inc. L-07C10NKV4T Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
19
www.johansontechnology.com
RF CHIP INDUCTOR SELECTION CHART
0201
(L-05)
0402
(L-07)
0603
(L-14)
Inductance
Toler-
ance
nH
Code
0.6
0N6
C
S
300 mA
0.7
0N7
300 mA
0.8
0N8
300 mA
0.9
0N9
300 mA
1.0
1N0
300 mA
300 mA
300 mA (S only)
1.2
1N2
300 mA
300 mA (S only)
300 mA (S only)
1.3
1N3
300 mA
1.5
1N5
300 mA
300 mA (S only)
300 mA (S only)
1.8
1N8
S
300 mA
300 mA
300 mA
1.9
1N9
300 mA
300 mA
2.0
2N0
300 mA
300 mA
2.2
2N2
300 mA
300 mA
300 mA
2.3
2N3
300 mA
2.4
2N4
300 mA
300 mA
2.5
2N5
300 mA
2.7
2N7
300 mA
300 mA
300 mA
3.0
3N0
K
S
300 mA
300 mA
3.3
3N3
300 mA
300 mA
300 mA
3.6
3N6
300 mA
300 mA
3.7
3N7
300 mA
3.9
3N9
300 mA
300 mA
300 mA
4.3
4N3
300 mA
4.7
4N7
300 mA
300 mA
300 mA
5.1
5N1
300 mA
300 mA
5.6
5N6
300 mA
300 mA
300 mA
6.2
6N2
300 mA
6.8
6N8
J
K
250 mA
250 mA
300 mA
7.5
7N5
250 mA
8.2
8N2
250 mA
250 mA
300 mA
10
10N
250 mA
250 mA
300 mA
12
12N
250 mA
250 mA
300 mA
13
13N
250 mA
250 mA
15
15N
250 mA
250 mA
300 mA
18
18N
200 mA
200 mA
300 mA
20
20N
200 mA
200 mA
22
22N
200 mA
200 mA
300 mA
23
23N
200 mA
27
27N
200 mA
200 mA
300 mA
33
33N
200 mA
200 mA
300 mA
39
39N
200 mA
150 mA
300 mA
43
43N
150 mA
47
47N
150 mA
300 mA
56
56N
150 mA
300 mA
68
68N
100 mA
300 mA
82
82N
100 mA
300 mA
100
R10
100 mA
300 mA
120
R12
100 mA
300 mA
150
R15
300 mA
180
R18
300 mA
220
R22
300 mA
270
R27
330
R33
390
R39
420
R42
560
R56
680
R68
EIA Size
Inductor
Value
Consult factory for Non-Standard values.
See web page for Chip Inductor Product Detail Summary by part number


Similar Part No. - L-07C10NKV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-07C10NV6T JOHANSON-L-07C10NV6T Datasheet
317Kb / 5P
   RF CERAMIC CHIP INDUCTORS
L-07C10NV6T JOHANSON-L-07C10NV6T Datasheet
317Kb / 5P
   RF CERAMIC CHIP INDUCTORS
More results

Similar Description - L-07C10NKV4T

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
   RF ceRaMic chiP inDUcToRs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com