Electronic Components Datasheet Search |
|
M38049F6LKP Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
M38049F6LKP Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 131 page Rev.1.00 Oct 27, 2008 Page 4 of 128 REJ03B0266-0100 3804 Group (Spec.L) Table 1 Performance overview Parameter Function Number of basic instructions 71 Minimum instruction execution time 0.24 μs (Oscillation frequency 16.8 MHz) Oscillation frequency Oscillation frequency 16.8 MHz (Maximum) Memory sizes ROM 60 Kbytes RAM 2048 bytes I/O port P0-P6 56 pins Software pull-up resistors Built-in Interrupt 21 sources, 16 vectors (8 external, 12 internal, 1 software) Timer 8-bit × 4 (with 8-bit prescaler), 16-bit × 1 Serial interface 8-bit × 2 (UART or Clock-synchronized) 8-bit × 1 (Clock-synchronized) PWM 8-bit × 1 (with 8-bit prescaler) A/D converter 10-bit × 16 channels (8-bit reading enabled) D/A converter 8-bit × 2 channels Watchdog timer 16-bit × 1 Multi-master I2C-BUS interface 1 channel LED direct drive port 8 (average current: 15 mA, peak current: 30 mA, total current: 90 mA) Clock generating circuits Built-in 2 circuits (connect to external ceramic resonator or quartz-crystal oscillator) Power source voltage In high-speed mode At 16.8 MHz 4.5 to 5.5 V At 12.5 MHz 4.0 to 5.5 V At 8.4 MHz 2.7 to 5.5 V In middle-speed mode At 16.8 MHz 4.5 to 5.5 V At 12.5 MHz 2.7 to 5.5 V In low-speed mode At 32 MHz 2.7 to 5.5 V Power dissipation In high-speed mode Typ. 27.5 mW (Vcc = 5.0 V, f(XIN) = 16.8 MHz, Ta = 25 °C) In low-speed mode Typ. 1200 μW (Vcc = 3.0 V, f(XIN) = stop, f(XCIN) = 32 kHz, Ta = 25 °C) Operating temperature range -20 to 85 °C Device structure CMOS silicon gate Package 64-pin plastic molded SDIP/LQFP/FLGA |
Similar Part No. - M38049F6LKP |
|
Similar Description - M38049F6LKP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |