Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML6401GPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML6401GPBF
Description  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6401GPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML6401GPBF Datasheet HTML 1Page - International Rectifier IRLML6401GPBF Datasheet HTML 2Page - International Rectifier IRLML6401GPBF Datasheet HTML 3Page - International Rectifier IRLML6401GPBF Datasheet HTML 4Page - International Rectifier IRLML6401GPBF Datasheet HTML 5Page - International Rectifier IRLML6401GPBF Datasheet HTML 6Page - International Rectifier IRLML6401GPBF Datasheet HTML 7Page - International Rectifier IRLML6401GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
IRLML6401GPbF
HEXFET® Power MOSFET
Thermal Resistance
VDSS = -12V
RDS(on) = 0.05Ω
l Ultra Low On-Resistance
l P-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
l 1.8V Gate Rated
l Lead-Free
l Halogen-Free
07/22/08
www.irf.com
1
Parameter
Max.
Units
VDS
Drain- Source Voltage
-12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-4.3
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-3.4
A
IDM
Pulsed Drain Current

-34
PD @TA = 25°C
Power Dissipation
1.3
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
EAS
Single Pulse Avalanche Energy
„
33
mJ
VGS
Gate-to-Source Voltage
± 8.0
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
These P-Channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely
low on-resistance per silicon area. This benefit, combined
with the fast switching speed and ruggedized device design
that HEXFET® power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable device
for use in battery and load management.
A thermally enhanced large pad leadframe has been
incorporated into the standard SOT-23 package to produce
a HEXFET Power MOSFET with the industry's smallest
footprint. This package, dubbed the Micro3
™, is ideal for
applications where printed circuit board space is at a
premium. The low profile (<1.1mm) of the Micro3 allows it
to fit easily into extremely thin application environments
such as portable electronics and PCMCIA cards. The thermal
resistance and power dissipation are the best available.
Description
Micro3
6
* 

'

PD - 96160


Similar Part No. - IRLML6401GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6401GTRPBF IRF-IRLML6401GTRPBF Datasheet
201Kb / 8P
   Ultra Low On-Resistance
logo
VBsemi Electronics Co.,...
IRLML6401GTRPBF VBSEMI-IRLML6401GTRPBF Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com