Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5150 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TDA5150
Description  On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5150 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TDA5150 Datasheet HTML 14Page - Infineon Technologies AG TDA5150 Datasheet HTML 15Page - Infineon Technologies AG TDA5150 Datasheet HTML 16Page - Infineon Technologies AG TDA5150 Datasheet HTML 17Page - Infineon Technologies AG TDA5150 Datasheet HTML 18Page - Infineon Technologies AG TDA5150 Datasheet HTML 19Page - Infineon Technologies AG TDA5150 Datasheet HTML 20Page - Infineon Technologies AG TDA5150 Datasheet HTML 21Page - Infineon Technologies AG TDA5150 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 106 page
background image
TDA 5150
TDA 5150 Functional Description
Data Sheet
18
V 1.0, July 2009
The data encoder synchronizes the bitstream to be transmitted with the internal bit
clock. It supports different types of Manchester and Bi-Phase encodings and is able
to generate PRBS9 pseudo-random patterns. The internal data encoder can be
bypassed, allowing transmissions in direct (transparent) mode.
The core element of the transmitter is the sigma-delta fractional-N PLL Synthesizer,
used for carrier frequency control and as part of the digital modulator as well. It
covers the frequency bands 300-320 MHz, 425-450 MHz and 863-928 MHz with
outstanding frequency resolution. Only one, fixed frequency crystal (e.g. 13 MHz) is
required for reference frequency generation. The synthesizer is characterized by
short settling time. It is also used as direct FSK modulator, and together with a
Gaussian filter, implemented by means of lookup table offers the functionality of a
direct GFSK modulator.
The integrated Power Amplifier is able to deliver up to +10dBm output power into a
50
Ω load (usually the antenna) via an external impedance matching network. In
addition there are integrated capacitors, connected between GND and the RF-PA
output, over SFR controlled on/off switches. These capacitors are elements of a
software controlled antenna tuner. They may be used to fine-tune (adjust) the PA-
output to Load matching network impedance, and thus to maintain good VSWR
values over a wider frequency band. This is particularly useful if the transmitter is
operated not only on a single frequency but in a given frequency band.
2.4
Functional Description
2.4.1
Special Function Registers
TDA 5150 is configurable by programming the Special Function Register bank
(abbreviated SFRs) via the SPI interface.
Terminology and notations related to TDA5150 SFR set, list of symbols and
programming restrictions are given in Chapter 22 Register Terminology.
Detailed description of SFR map, programming, usage and content explanations are
found in the following chapters (§2.4.x.x and §2.5.x.x). See also Chapter 2.5.1 SFR
Register List
.
2.4.2
Power Supply Circuit
An internal voltage regulator generates a constant supply voltage (2.1V nominal) for
most of the analog and digital blocks.
An external capacitor (100nF nominal value) connected between VREG (pin 4) and GND
(pin 3) is necessary to guarantee stable functionality of the regulator.
The regulated voltage on VREG pin is not adjustable by user and it is not allowed to
connect any additional, external loads to this pin, but the above mentioned decoupling
capacitor.


Similar Part No. - TDA5150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5153 PHILIPS-TDA5153 Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153AG PHILIPS-TDA5153AG Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153BG PHILIPS-TDA5153BG Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153X PHILIPS-TDA5153X Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
More results

Similar Description - TDA5150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
   Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com