Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21-03W Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAS21-03W
Description  Silicon Switching Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS21-03W Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAS21-03W Datasheet HTML 1Page - Infineon Technologies AG BAS21-03W Datasheet HTML 2Page - Infineon Technologies AG BAS21-03W Datasheet HTML 3Page - Infineon Technologies AG BAS21-03W Datasheet HTML 4Page - Infineon Technologies AG BAS21-03W Datasheet HTML 5Page - Infineon Technologies AG BAS21-03W Datasheet HTML 6Page - Infineon Technologies AG BAS21-03W Datasheet HTML 7Page - Infineon Technologies AG BAS21-03W Datasheet HTML 8Page - Infineon Technologies AG BAS21-03W Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2007-04-19
1
BAS21...
Silicon Switching Diode
• For high-speed switching applications
• High breakdown voltage
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAS21
BAS21-03W
BAS21U
!


, 
!
"
#
$
,
, !

Type
Package
Configuration
Marking
BAS21
BAS21-03W
BAS21U
SOT23
SOD323
SC74
single
single
parallel triple
JSs
D
JSs
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
200
V
Peak reverse voltage
VRM
250
Forward current
IF
250
mA
Peak forward current
IFM
625
Peak forward current
IFM
625
mA
Surge forward current, t = 10 µs
IFS
4
A
Non-repetitive peak surge forward current
IFSM
-
Total power dissipation
BAS21, TS ≤ 70°C
BAS21-03W, TS ≤ 124°C
BAS21U, TS ≤ 122°C
Ptot
350
250
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BAS21-03W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS21-03W INFINEON-BAS21-03W Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
BAS21-03W INFINEON-BAS21-03W Datasheet
119Kb / 9P
   For high-speed switching applications
2007-04-19
BAS21-03WE6327 INFINEON-BAS21-03WE6327 Datasheet
119Kb / 9P
   For high-speed switching applications
2007-04-19
More results

Similar Description - BAS21-03W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
   Silicon Switching Diode
Sep-24-2003
BAS21 INFINEON-BAS21 Datasheet
453Kb / 5P
   Silicon Switching Diode
Jan-30-2003
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1 Datasheet
123Kb / 8P
   Silicon Switching Diode
March, 2000 ??Rev. 0
logo
Central Semiconductor C...
1N4454 CENTRAL-1N4454 Datasheet
67Kb / 1P
   Silicon switching diode
logo
M/A-COM Technology Solu...
1N914 MA-COM-1N914 Datasheet
534Kb / 3P
   Silicon Switching Diode
logo
ON Semiconductor
BAS16TT1 ONSEMI-BAS16TT1_04 Datasheet
63Kb / 6P
   Silicon Switching Diode
May, 2004 ??Rev. 2
logo
Leshan Radio Company
LBAS16WT1 LRC-LBAS16WT1 Datasheet
166Kb / 4P
   Silicon Switching Diode
logo
Guangdong Kexin Industr...
1SS222 KEXIN-1SS222 Datasheet
36Kb / 1P
   SILICON SWITCHING DIODE
logo
ON Semiconductor
BAS16TT1G ONSEMI-BAS16TT1G Datasheet
128Kb / 5P
   Silicon Switching Diode
October, 2010 -- Rev. 3
logo
Infineon Technologies A...
BAW56 INFINEON-BAW56_07 Datasheet
153Kb / 12P
   Silicon Switching Diode
2007-09-19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com