Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT303B-0192-6350 Datasheet(PDF) 6 Page - CUI INC

Part # AMT303B-0192-6350
Description  COMMUTATION ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT303B-0192-6350 Datasheet(HTML) 6 Page - CUI INC

  AMT303B-0192-6350 Datasheet HTML 1Page - CUI INC AMT303B-0192-6350 Datasheet HTML 2Page - CUI INC AMT303B-0192-6350 Datasheet HTML 3Page - CUI INC AMT303B-0192-6350 Datasheet HTML 4Page - CUI INC AMT303B-0192-6350 Datasheet HTML 5Page - CUI INC AMT303B-0192-6350 Datasheet HTML 6Page - CUI INC AMT303B-0192-6350 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
date
page
PART NUMBER:
DESCRIPTION:
11/2010
6 of 7
The msb data out on MISO is valid soon after CSB goes low. The MOSI data is valid soon after the falling edge of
SCK. The Encoder drives data out on MISO as long as CSB is low.
Normally, CSB goes low, then after 8 clocks the command is interpreted. CSB high resets the clock counter, and
terminates any command sequence.
SPI Commands:
The commands are all 8 bits long, the MSB is shifted in first, and is the leftmost bit shown in Figure 7.
Encoder Protocol Considerations:
The Encoder is designed to operate with a high speed SPI link, in full duplex mode. This implies the host can is-
sue commands and read data as quickly as necessary but there has to be an acknowledgement from the slave just
before the data is transferred.
Essentially the host issues a command, receives zero or more wait sequences (0xA5 or 1010,0101) then the echo
of the command followed by an optional payload.
So, for example to read the position, the host issues rd_comm, receiving a series of wait sequences (0xA5) then a
reflected rd_comm, then the MSB data followed by the LSB data.
It is recommended that the host leave a 20 μs gap between reads to avoid extending the read time by forcing wait
sequences.
Command 0x00: nop_a5
This command is ignored by the Encoder and simply causes the next data to be read. The encoder responds with
0xA5 if there is nothing else to send.
Note that it is possible to overlap commands, so instead of NOP is several steps above the user could start another
operation. The read and write FIFOs for the PCI streams are 16 bytes long and it is up to the user to avoid overflow.
Command 0x51: rd_comm
This command causes the commutation values and EIDXN value to be read and put in the output fifo.
The reply is 2 bytes, the first byte is reserved (eg. A lookup value between 0 and 31 but subject to change), the
second byte has EIDXN,U,V,W in the low 4 bits.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT303
COMMUTATION ENCODER


Similar Part No. - AMT303B-0192-6350

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
More results

Similar Description - AMT303B-0192-6350

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340 AVAGO-AEDB-9340 Datasheet
115Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com