Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA60R280C6 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPA60R280C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R280C6 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPA60R280C6 Datasheet HTML 3Page - Infineon Technologies AG IPA60R280C6 Datasheet HTML 4Page - Infineon Technologies AG IPA60R280C6 Datasheet HTML 5Page - Infineon Technologies AG IPA60R280C6 Datasheet HTML 6Page - Infineon Technologies AG IPA60R280C6 Datasheet HTML 7Page - Infineon Technologies AG IPA60R280C6 Datasheet HTML 8Page - Infineon Technologies AG IPA60R280C6 Datasheet HTML 9Page - Infineon Technologies AG IPA60R280C6 Datasheet HTML 10Page - Infineon Technologies AG IPA60R280C6 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
600V CoolMOS™ C6 Power Transistor
IPx60R280C6
Electrical characteristics
Final Data Sheet
7
Rev. 2.1, 2010-02-09
Table 8
Gate charge characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Gate to source charge
Q
gs
-5
-
nC
V
DD=480 V, ID=6.5A,
V
GS=0 to 10 V
Gate to drain charge
Q
gd
-22
-
Gate charge total
Q
g
-43
-
Gate plateau voltage
V
plateau
-5.4
-
V
Table 9
Reverse diode characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Diode forward voltage
V
SD
-0.9
-
V
V
GS=0 V, IF=6.5A,
T
j=25 °C
Reverse recovery time
t
rr
-345
-
ns
V
R=400 V, IF=6.5A,
d
i
F/dt=100 A/µs
(see table 22)
Reverse recovery charge
Q
rr
-4.5
-
µC
Peak reverse recovery current
I
rrm
-24
-
A


Similar Part No. - IPA60R280C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R280C6 INFINEON-IPA60R280C6 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R280C6 INFINEON-IPA60R280C6 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
logo
Inchange Semiconductor ...
IPA60R280C6 ISC-IPA60R280C6 Datasheet
314Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
More results

Similar Description - IPA60R280C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com