Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV199 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAV199
Description  Silicon Low Leakage Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV199 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAV199_07 Datasheet HTML 1Page - Infineon Technologies AG BAV199_07 Datasheet HTML 2Page - Infineon Technologies AG BAV199_07 Datasheet HTML 3Page - Infineon Technologies AG BAV199_07 Datasheet HTML 4Page - Infineon Technologies AG BAV199_07 Datasheet HTML 5Page - Infineon Technologies AG BAV199_07 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2007-04-19
1
BAV199...
Silicon Low Leakage Diode
• Low-leakage applications
• Medium speed switching times
• Series pair configuration
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAV199
!

,
, 
Type
Package
Configuration
Marking
BAV199
SOT23
series
JYs
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
80
V
Peak reverse voltage
VRM
85
Forward current
IF
200
mA
Non-repetitive peak surge forward current
t = 1 µs
t = 1 s
IFSM
4.5
0.5
A
Total power dissipation
BAV199, TS ≤ 31°C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
BAV199
RthJS
≤ 360
K/W
1Pb-containing package may be available upon special request
2For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BAV199_07

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV199 DIODES-BAV199_08 Datasheet
111Kb / 3P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 8 - 2 May 2008
logo
Weitron Technology
BAV199 WEITRON-BAV199_09 Datasheet
1Mb / 3P
   Surface Mount Switching Diode
More results

Similar Description - BAV199_07

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N3595 CENTRAL-1N3595 Datasheet
80Kb / 2P
   SILICON LOW LEAKAGE DIODE
CMHD3595 CENTRAL-CMHD3595 Datasheet
52Kb / 2P
   LOW LEAKAGE SILICON DIODE
logo
Infineon Technologies A...
BAW156 INFINEON-BAW156_07 Datasheet
73Kb / 6P
   Silicon Low Leakage Diode
2007-04-20
logo
Central Semiconductor C...
CDH300 CENTRAL-CDH300_15 Datasheet
72Kb / 1P
   Silicon Low Leakage Diode
CDH300 CENTRAL-CDH300 Datasheet
68Kb / 1P
   SILICON LOW LEAKAGE DIODE
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
   Silicon Low Leakage Diode
Mar-10-2004
BAS116 INFINEON-BAS116_07 Datasheet
72Kb / 6P
   Silicon Low Leakage Diode
2007-04-19
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
   Silicon Low Leakage Diode
Mar-10-2004
BAW156 INFINEON-BAW156 Datasheet
445Kb / 4P
   Silicon Low Leakage Diode
Mar-10-2004
BAV170 INFINEON-BAV170 Datasheet
454Kb / 4P
   Silicon Low Leakage Diode Array
Mar-10-2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com