Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB60R380C6 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB60R380C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB60R380C6 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB60R380C6 Datasheet HTML 1Page - Infineon Technologies AG IPB60R380C6 Datasheet HTML 2Page - Infineon Technologies AG IPB60R380C6 Datasheet HTML 3Page - Infineon Technologies AG IPB60R380C6 Datasheet HTML 4Page - Infineon Technologies AG IPB60R380C6 Datasheet HTML 5Page - Infineon Technologies AG IPB60R380C6 Datasheet HTML 6Page - Infineon Technologies AG IPB60R380C6 Datasheet HTML 7Page - Infineon Technologies AG IPB60R380C6 Datasheet HTML 8Page - Infineon Technologies AG IPB60R380C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
drain
pin 2
gate
pin 1
source
pin 3
600V CoolMOS™ C6 Power Transistor
IPD60R380C6, IPI60R380C6
IPB60R380C6, IPP60R380C6
IPA60R380C6
FinalData Sheet
2
Rev. 2.0, 2009-08-27
1
Description
CoolMOS™ is a revolutionary technology for high voltage power
MOSFETs, designed according to the superjunction (SJ) principle and
pioneered by Infineon Technologies. CoolMOS™ C6 series combines
the experience of the leading SJ MOSFET supplier with high class
innovation. The resulting devices provide all benefits of a fast switching
SJ MOSFET while not sacrificing ease of use. Extremely low switching
and conduction losses make switching applications even more efficient,
more compact, lighter, and cooler.
Features
Extremely low losses due to very low FOM Rdson*Qg and Eoss
Very high commutation ruggedness
Easy to use/drive
JEDEC1) qualified, Pb-free plating, Halogen free2)
Applications
PFC stages, hard switching PWM stages and resonant switching PWM
stages for e.g. PC Silverbox, Adapter, LCD & PDP TV, Lighting, Server,
Telecom, UPS and Solar.
Please note: For MOSFET paralleling the use of ferrite beads on the gate
or separate totem poles is generally recommended.
1) J-STD20 and JESD22
2) no PG-To252
Table 1
Key Performance Parameters
Parameter
Value
Unit
V
DS @ Tj,max
650
V
RDS(on),max
0.38
Q
g,typ
32
nC
I
D,pulse
30
A
E
oss @ 400V
2.8
µJ
Body diode d
i/dt
500
A/µs
Type / Ordering Code
Package
Marking
Related Links
IPD60R380C6
PG-TO252
IFX C6 Product Brief
IPI60R380C6
PG-TO262
IFX C6 Portfolio
IPB60R380C6
PG-TO263
6R380C6
IFX CoolMOS Webpage
IPP60R380C6
PG-TO220
IFX Design tools
IPA60R380C6
PG-TO220 FullPAK


Similar Part No. - IPB60R380C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R380C6 INFINEON-IPB60R380C6 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
logo
Inchange Semiconductor ...
IPB60R380C6 ISC-IPB60R380C6 Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPB60R380C6 INFINEON-IPB60R380C6 Datasheet
1Mb / 19P
   MOSFET Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.4
More results

Similar Description - IPB60R380C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com