Electronic Components Datasheet Search |
|
IPP60R380C6 Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
IPP60R380C6 Datasheet(HTML) 6 Page - Infineon Technologies AG |
6 / 19 page 600V CoolMOS™ C6 Power Transistor IPx60R380C6 Electrical characteristics FinalData Sheet 6 Rev. 2.0, 2009-08-27 4 Electrical characteristics Electrical characteristics, at Tj=25 °C, unless otherwise specified Table 6 Static characteristics Parameter Symbol Values Unit Note / Test Condition Min. Typ. Max. Drain-source breakdown voltage V (BR)DSS 600 - - V V GS=0 V, ID=0.25 mA Gate threshold voltage V GS(th) 2.5 3 3.5 V DS=VGS, ID=0.32 mA Zero gate voltage drain current I DSS -- 1 µA V DS=600 V, VGS=0 V, T j=25 °C -10 - V DS=600 V, VGS=0 V, T j=150 °C Gate-source leakage current I GSS - - 100 nA V GS=20 V, VDS=0 V Drain-source on-state resistance R DS(on) -0.34 0.38 V GS=10 V, ID=3.8 A, T j=25 °C -0.89 - V GS=10 V, ID=3.8 A, T j=150 °C Gate resistance R G -17 - f=1 MHz, open drain Table 7 Dynamic characteristics Parameter Symbol Values Unit Note / Test Condition Min. Typ. Max. Input capacitance C iss -700 - pF V GS=0 V, VDS=100 V, f=1 MHz Output capacitance C oss -46 - Effective output capacitance, energy related1) 1) C o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS C o(er) -30 - V GS=0 V, V DS=0...480 V Effective output capacitance, time related2) 2) C o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS C o(tr) -136 - I D=constant, VGS=0 V V DS=0...480V Turn-on delay time t d(on) -15 - ns V DD=400 V, V GS=13 V, ID=4.8A, R G=3.4 (see table 20) Rise time t r -10 - Turn-off delay time t d(off) -110 - Fall time t f -9 - |
Similar Part No. - IPP60R380C6 |
|
Similar Description - IPP60R380C6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |