Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA60R380C6 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPA60R380C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R380C6 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPA60R380C6 Datasheet HTML 1Page - Infineon Technologies AG IPA60R380C6 Datasheet HTML 2Page - Infineon Technologies AG IPA60R380C6 Datasheet HTML 3Page - Infineon Technologies AG IPA60R380C6 Datasheet HTML 4Page - Infineon Technologies AG IPA60R380C6 Datasheet HTML 5Page - Infineon Technologies AG IPA60R380C6 Datasheet HTML 6Page - Infineon Technologies AG IPA60R380C6 Datasheet HTML 7Page - Infineon Technologies AG IPA60R380C6 Datasheet HTML 8Page - Infineon Technologies AG IPA60R380C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
600V CoolMOS™ C6 Power Transistor
IPx60R380C6
Thermal characteristics
FinalData Sheet
5
Rev. 2.0, 2009-08-27
3
Thermal characteristics
Table 3
Thermal characteristics TO-220 (IPP60R380C6),TO-262 (IPI60R380C6)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
--
1.5
°C/W
Thermal resistance, junction -
ambient
R
thJA
-
-
62
leaded
Soldering temperature,
wavesoldering only allowed at
leads
T
sold
-
-
260
°C
1.6 mm (0.063 in.)
from case for 10 s
Table 4
Thermal characteristics TO-220FullPAK (IPA60R380C6)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
--
4.0
°C/W
Thermal resistance, junction -
ambient
R
thJA
-
-
80
leaded
Soldering temperature,
wavesoldering only allowed at
leads
T
sold
-
-
260
°C
1.6 mm (0.063 in.)
from case for 10 s
Table 5
Thermal characteristics TO-263 (IPB60R380C6),TO-252 (IPD60R380C6)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Thermal resistance, junction - case
R
thJC
--
1.5
°C/W
Thermal resistance, junction -
ambient
R
thJA
-
-
62
SMD version, device
on PCB, minimal
footprint
35
SMD version, device
on PCB, 6cm2 cooling
area1)
1) Device on 40mm*40mm*1.5 epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for drain connection. PCB is
vertical without air stream cooling.
Soldering temperature,
wave- & reflowsoldering allowed
T
sold
-
-
260
°C
reflow MSL1


Similar Part No. - IPA60R380C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R380C6 INFINEON-IPA60R380C6 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
logo
Inchange Semiconductor ...
IPA60R380C6 ISC-IPA60R380C6 Datasheet
316Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPA60R380C6 INFINEON-IPA60R380C6 Datasheet
1Mb / 19P
   MOSFET Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.4
IPA60R380C6 INFINEON-IPA60R380C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
More results

Similar Description - IPA60R380C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com