Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA21N50C3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPA21N50C3
Description  New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA21N50C3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPA21N50C3 Datasheet HTML 1Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 2Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
200
7-08-30
Rev. 3.0
Page 3
SPP21N50C
3
SPI21N50C3, SPA21N50C3
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Transconductance
gfs
VDS≥2*ID*RDS(on)max,
ID=13.1A
-
18
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
2400
-
pF
Output capacitance
Coss
-
1200
-
Reverse transfer capacitance
Crss
-
30
-
Effective output capacitance,5)
energy related
Co(er)
VGS=0V, VDS=400V
-
87
-
Effective output capacitance,6)
time related
Co(tr)
-
181
-
Turn-on delay time
td(on)
VDD=380V, VGS=0/10V,
ID=21A,
RG=3.6Ω
-
10
-
ns
Rise time
tr
-
5
-
Turn-off delay time
td(off)
-
67
-
Fall time
tf
-
4.5
-
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=380V, ID=21A
-
10
-
nC
Gate to drain charge
Qgd
-
50
-
Gate charge total
Qg
VDD=380V, ID=21A,
VGS=0 to 10V
-
95
-
Gate plateau voltage
V(plateau) VDD=380V, ID=21A
-
5
-
V
1Limited only by maximum temperature
2Repetitve avalanche causes additional power losses that can be calculated as P
AV=EAR*f.
3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.
4Soldering temperature for TO-263: 220°C, reflow
5C
o(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS.
6C
o(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
7I
SD<=ID, di/dt<=200A/us, VDClink=400V, Vpeak<VBR, DSS, Tj<Tj,max.
Identical low-side and high-side switch.


Similar Part No. - SPA21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPA21N50C3 ISC-SPA21N50C3 Datasheet
269Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
SPP20N65C3 INFINEON-SPP20N65C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Rev. 3.0 2007-08-30
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
   New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
SPN02N60C3 INFINEON-SPN02N60C3_05 Datasheet
2Mb / 11P
   New revolutionary high voltage technology Ultra low gate charge Ultra low effective capacitances
Rev. 2.3 2005-02-21
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com