Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA21N50C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPA21N50C3
Description  New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA21N50C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPA21N50C3 Datasheet HTML 1Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 2Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPA21N50C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
200
7-08-30
Rev. 3.0
Page 1
SPP21N50C3
SPI21N50C3, SPA21N50C3
Cool MOS™ Power Transistor
VDS @ Tjmax
560
V
RDS(on)
0.19
ID
21
A
Feature
• New revolutionary high voltage technology
• Worldwide best RDS(on) in TO 220
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• Ultra low effective capacitances
• Improved transconductance
P
G-TO220FP
P G-TO262
P
G-TO220
1
2
3
Marking
21N50C3
21N50C3
21N50C3
Type
Package
Ordering Code
SPP21N50C3
P
G-TO220
Q67040-S4565
SPI21N50C3
P
G-TO262
Q67040-S4564
SPA21N50C3
P
G-TO220FP
SP000216364
Maximum Ratings
Parameter
Symbol
Value
Unit
SPA
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
21
13.1
211)
13.11)
A
Pulsed drain current, tp limited by Tjmax
ID puls
63
63
A
Avalanche energy, single pulse
ID=10A, VDD=50V
EAS
690
690
mJ
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=21A, VDD=50V
EAR
1
1
Avalanche current, repetitive tAR limited by Tjmax
IAR
21
21
A
Gate source voltage
VGS
±20
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
±30
Power dissipation, TC = 25°C
Ptot
208
34.5
W
SPP_I
Operating and storage temperature
Tj , Tstg
-55...+150
°C
Reverse diode dv/dt
dv/dt
15
V/ns
7
)


Similar Part No. - SPA21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPA21N50C3 INFINEON-SPA21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPA21N50C3 ISC-SPA21N50C3 Datasheet
269Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - SPA21N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP20N60C3 INFINEON-SPP20N60C3_09 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev.3.1 2009-02-19
SPB12N50C3 INFINEON-SPB12N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.4 2005-11-07
SPP17N80C3 INFINEON-SPP17N80C3_07 Datasheet
1Mb / 13P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 2.6 2007-08-30
SPP20N65C3 INFINEON-SPP20N65C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220
Rev. 3.0 2007-08-30
SPN04N60S5 INFINEON-SPN04N60S5_05 Datasheet
4Mb / 10P
   New revolutionary high voltage technology Worldwide best RDS in SOT 223
Rev. 2.2 2005-02-21
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
SPN02N60C3 INFINEON-SPN02N60C3_05 Datasheet
2Mb / 11P
   New revolutionary high voltage technology Ultra low gate charge Ultra low effective capacitances
Rev. 2.3 2005-02-21
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com