Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP12N50C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SPP12N50C3
Description  New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP12N50C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SPP12N50C3 Datasheet HTML 1Page - Infineon Technologies AG SPP12N50C3 Datasheet HTML 2Page - Infineon Technologies AG SPP12N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPP12N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPP12N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPP12N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPP12N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPP12N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPP12N50C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
200
7-08-30
Rev.
3.0
Page 1
SPP12N50C3
SPI12N50C3, SPA12N50C3
Cool MOS™ Power Transistor
VDS @ Tjmax
560
V
RDS(on)
0.38
ID
11.6
A
Feature
• New revolutionary high voltage technology
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• Ultra low effective capacitances
• Improved transconductance
• PG-TO-220-3-31;-3-111: Fully isolated package (2500 VAC; 1 minute)
PG-TO2
20-3-31 PG-TO262-
PG-TO220
2
P-TO220-3-1
2 3
1
P-TO220-3-31
1
2
3
Marking
12N50C3
12N50C3
12N50C3
Type
Package
Ordering Code
SPP12N50C3
PG-TO220
Q67040-S4579
SPI12N50C3
PG-TO262
Q67040-S4578
SPA12N50C3
PG-TO220
FP
SP000216322
Maximum Ratings
Parameter
Symbol
Value
Unit
SPP_I
SPA
Continuous drain current
TC = 25 °C
TC = 100 °C
ID
11.6
7
11.61)
71)
A
Pulsed drain current, tp limited by Tjmax
ID puls
34.8
34.8
A
Avalanche energy, single pulse
ID=5.5A, VDD=50V
EAS
340
340
mJ
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=11.6A, VDD=50V
EAR
0.6
0.6
Avalanche current, repetitive tAR limited by Tjmax
IAR
11.6
11.6
A
Gate source voltage
VGS
±20
±20
V
Gate source voltage AC (f >1Hz)
VGS
±30
±30
Power dissipation, TC = 25°C
Ptot
125
33
W
Operating and storage temperature
Tj , Tstg
-55...+150
°C
Reverse diode dv/dt
Gate source voltage
dv/dt
15
V/ns
7)
FP


Similar Part No. - SPP12N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3 Datasheet
365Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-29
SPP12N50C3 INFINEON-SPP12N50C3 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
logo
Inchange Semiconductor ...
SPP12N50C3 ISC-SPP12N50C3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPP12N50C3 VBSEMI-SPP12N50C3 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
More results

Similar Description - SPP12N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI11N60CFD INFINEON-SPI11N60CFD Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.6 2009-04-24
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
SPP07N65C3 INFINEON-SPP07N65C3_09 Datasheet
2Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 1.91 2009-07-23
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com