Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB844 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BB844
Description  Silicon Variable Capacitance Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB844 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BB844 Datasheet HTML 1Page - Infineon Technologies AG BB844 Datasheet HTML 2Page - Infineon Technologies AG BB844 Datasheet HTML 3Page - Infineon Technologies AG BB844 Datasheet HTML 4Page - Infineon Technologies AG BB844 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2007-04-20
3
BB844
Diode capacitance CT = ƒ (VR)
f
= 1MHz
10
-1
10
0
10
1
10
2
V
VR
0
10
20
30
40
50
60
70
pF
90
Capacitance ratio CTref/CT = ƒ (VR)
f
= 1MHz
0
1
2
3
4
5
6
7
8
V
10
VR
0
0.5
1
1.5
2
2.5
3
3.5
4
5
CT1V/CT
CT2V/CT
CT8V/CT
Temperature coefficient of the diode
capacitance TCc = ƒ (VR)
1
2
3
4
5
6
7
8
V
10
VR
0.0002
0.00025
0.0003
0.00035
0.0004
0.00045
0.0005
1/C°
0.0006


Similar Part No. - BB844

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB844 INFINEON-BB844 Datasheet
394Kb / 3P
   Silicon Variable Capacitance Diode
Nov-07-2002
More results

Similar Description - BB844

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
   Silicon Variable Capacitance Diode
Nov-07-2002
BB914 INFINEON-BB914 Datasheet
395Kb / 3P
   Silicon Variable Capacitance Diode
Dec-04-2002
logo
Sony Corporation
1T369 SONY-1T369 Datasheet
44Kb / 4P
   Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
   Silicon Variable Capacitance Diode
2005-10-19
BB439 INFINEON-BB439_07 Datasheet
55Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
BB640 INFINEON-BB640_07 Datasheet
56Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
   Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
   Silicon Variable Capacitance Diode
Oct-25-2002
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
   Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
   Silicon Variable Capacitance Diode
1T362A SONY-1T362A Datasheet
52Kb / 4P
   Silicon Variable Capacitance Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com