Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4800 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN4800
Description  Low Startup Current PFC/PWM Controller Combinations
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN4800_10 Datasheet HTML 2Page - Fairchild Semiconductor FAN4800_10 Datasheet HTML 3Page - Fairchild Semiconductor FAN4800_10 Datasheet HTML 4Page - Fairchild Semiconductor FAN4800_10 Datasheet HTML 5Page - Fairchild Semiconductor FAN4800_10 Datasheet HTML 6Page - Fairchild Semiconductor FAN4800_10 Datasheet HTML 7Page - Fairchild Semiconductor FAN4800_10 Datasheet HTML 8Page - Fairchild Semiconductor FAN4800_10 Datasheet HTML 9Page - Fairchild Semiconductor FAN4800_10 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800 Rev. 1.0.6
6
Electrical Characteristics (Continued)
Unless otherwise stated, these specifications apply: VCC = 15V, RT = 52.3kΩ, CT = 470pF, and TA = -40°C to 125°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PFC ILIMIT COMPARATOR
Vth(cs)
Threshold Voltage
-1.10
-1.00
-0.90
V
Vth(cs)-Vgm
(PFC ILIMIT VTH – Gain Modulator
Output)
5
100
mV
td(pfc_off)
Delay to Output(1)
250
ns
DC ILIMIT COMPARATOR
Vth(DC)
Threshold Voltage
0.95
1.00
1.05
V
td(pwm_off)
Delay to Output(1)
250
ns
VIN OK COMPARATOR
Vth(OK)
Threshold Voltage
2.10
2.45
V
HY(OK)
Hysteresis
0.8
1.0
1.2
V
GAIN MODULATOR
G1
Gain(3)
IAC = 100μA, VRMS = 0,
VFB = 1V, TA = 25°C
0.70
0.84
0.95
Gain(3)
G2
IAC = 100μA, VRMS = 1.1V,
VFB = 1V, TA = 25°C
1.80
2.00
2.20
G3
IAC = 150μA, VRMS = 1.8V,
VFB = 1V, TA = 25°C
0.90
1.00
1.10
G4
IAC = 300μA, VRMS = 3.3V,
VFB = 1V, TA = 25°C
0.25
0.32
0.40
BW
Band Width(1)
IAC = 100μA10
MHz
Vo(gm)
Output Voltage
= 3.5k
Ω x (I
SENSE – IOFFSET)
IAC = 250μA, VRMS = 1.1V,
VFB = 2V, TA = 25°C
0.80
1.00
1.20
V
OSCILLATOR
fosc1
Initial Accuracy
TA = 25°C
68
81
kHz
Δf
osc1
Voltage Stability
11V < VCC < 16.5V
1
%
Δf
osc2
Temperature Stability
2
%
fosc2
Total Variation
Line, Temp
66
84
kHz
Vramp
Ramp Valley to Peak Voltage(1)
2.75
V
tdead
PFC Dead Time
685
ns
Idis
CT Discharge Current
VRAMP2 = 0V, VRAMP1 = 2.5V
6.5
15.0
mA
REFERENCE
Vref1
Output Voltage
TA = 25°C, I(VREF) = 1mA
7.4
7.5
7.6
V
ΔV
ref1
Line Regulation
11V < VCC < 16.5V
10
25
mV
ΔV
ref2
Load Regulation
0mA < I(VREF) < 7mA
10
20
mV
ΔV
ref4
Temperature Stability
0.4
%
Vref2
Total Variation(1)
Line, Load, Temperature
7.35
7.65
V
ΔV
ref5
Long Term Stability(1)
TJ = 125°C, 1000 hours
5
25
mV


Similar Part No. - FAN4800_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN480001S FAIRCHILD-FAN480001S Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
More results

Similar Description - FAN4800_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_06 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
ON Semiconductor
NCP1603 ONSEMI-NCP1603 Datasheet
270Kb / 30P
   PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability
April, 2006 ??Rev. 8
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com