Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBY66-02V Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BBY66-02V
Description  Silicon Tuning Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY66-02V Datasheet(HTML) 3 Page - Infineon Technologies AG

  BBY66-02V Datasheet HTML 1Page - Infineon Technologies AG BBY66-02V Datasheet HTML 2Page - Infineon Technologies AG BBY66-02V Datasheet HTML 3Page - Infineon Technologies AG BBY66-02V Datasheet HTML 4Page - Infineon Technologies AG BBY66-02V Datasheet HTML 5Page - Infineon Technologies AG BBY66-02V Datasheet HTML 6Page - Infineon Technologies AG BBY66-02V Datasheet HTML 7Page - Infineon Technologies AG BBY66-02V Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2007-04-20
3
BBY66...
Diode capacitance CT = ƒ (VR)
f
= 1MHz
0
1
2
3
V
5
VR
0
10
20
30
40
50
60
pF
80
Temperature coefficient of the diode
capacitance TCc = ƒ (VR)
1
2
3
V
5
VR
0
300
600
ppm/°C
1200
Reverse current IR = ƒ(VR)
TA = Parameter
2
3
4
5
6
7
8
9
10
V
12
VR
0
10
1
10
2
10
3
10
4
10
pA
TA=+25°C
TA=+65°C
TA=+85°C


Similar Part No. - BBY66-02V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY66-02V INFINEON-BBY66-02V Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
More results

Similar Description - BBY66-02V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY58 INFINEON-BBY58_07 Datasheet
114Kb / 10P
   Silicon Tuning Diodes
2007-09-19
BB833 INFINEON-BB833 Datasheet
407Kb / 3P
   Silicon Tuning Diodes
Nov-07-2002
BBY52 INFINEON-BBY52 Datasheet
390Kb / 3P
   Silicon Tuning Diodes
Oct-24-2002
BBY55 INFINEON-BBY55 Datasheet
411Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
BBY55 INFINEON-BBY55_07 Datasheet
88Kb / 8P
   Silicon Tuning Diodes
2007-05-25
BB833 INFINEON-BB833_07 Datasheet
54Kb / 5P
   Silicon Tuning Diodes
2007-04-20
BBY66 INFINEON-BBY66 Datasheet
391Kb / 3P
   Silicon Tuning Diodes
Nov-14-2002
logo
New Jersey Semi-Conduct...
MVAM108 NJSEMI-MVAM108 Datasheet
91Kb / 1P
   SILICON TUNING DIODES
logo
Infineon Technologies A...
BBY52 INFINEON-BBY52_07 Datasheet
69Kb / 7P
   Silicon Tuning Diodes
2007-04-20
BBY58 INFINEON-BBY58 Datasheet
111Kb / 3P
   Silicon Tuning Diodes
Jul-25-2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com