Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817U Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC817U
Description  NPN Silicon AF Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817U Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC817U Datasheet HTML 1Page - Infineon Technologies AG BC817U Datasheet HTML 2Page - Infineon Technologies AG BC817U Datasheet HTML 3Page - Infineon Technologies AG BC817U Datasheet HTML 4Page - Infineon Technologies AG BC817U Datasheet HTML 5Page - Infineon Technologies AG BC817U Datasheet HTML 6Page - Infineon Technologies AG BC817U Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007-04-20
1
BC817U
5
4
6
3
2
1
NPN Silicon AF Transistor Array
• For AF stages and driver applications
• High current gain
• Low collector-saturation voltage
• Two (galvanic) internal isolated transistors
with good matching in one package
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
EHA07178
6
54
3
2
1
C1
B2
E2
C2
B1
E1
TR1
TR2
Type
Marking
Pin Configuration
Package
BC817U
6Bs
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SC74
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
45
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
5
Collector current
IC
500
mA
Peak collector current
ICM
1000
Base current
IB
100
Peak base current
IBM
200
Total power dissipation-
TS ≤ 115 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BC817U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817U INFINEON-BC817U Datasheet
45Kb / 4P
   NPN Silicon Transistor Array
Nov-29-2001
logo
First Silicon Co., Ltd
BC817U FS-BC817U Datasheet
280Kb / 3P
   General Purpose Transistors
BC817U-A FS-BC817U-A Datasheet
280Kb / 3P
   General Purpose Transistors
BC817U-B FS-BC817U-B Datasheet
280Kb / 3P
   General Purpose Transistors
BC817U-C FS-BC817U-C Datasheet
280Kb / 3P
   General Purpose Transistors
More results

Similar Description - BC817U

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN_11 Datasheet
530Kb / 7P
   NPN Silicon AF Transistor Array
2011-09-15
BCM846SH6327 INFINEON-BCM846SH6327 Datasheet
546Kb / 9P
   NPN Silicon AF Transistor Array
2011-10-05
BC817UPN INFINEON-BC817UPN_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
BC847S INFINEON-BC847S Datasheet
57Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S_07 Datasheet
91Kb / 9P
   NPN Silicon AF Transistor Array
2007-04-26
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S Datasheet
184Kb / 7P
   NPN Silicon AF Transistor Array
Aug-30-2002
BC846U INFINEON-BC846U Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
SMBTA06U INFINEON-SMBTA06U Datasheet
51Kb / 5P
   NPN Silicon AF Transistor Array
Nov-30-2001
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com