Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR142 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BCR142
Description  NPN Silicon Digital Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR142 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BCR142_07 Datasheet HTML 2Page - Infineon Technologies AG BCR142_07 Datasheet HTML 3Page - Infineon Technologies AG BCR142_07 Datasheet HTML 4Page - Infineon Technologies AG BCR142_07 Datasheet HTML 5Page - Infineon Technologies AG BCR142_07 Datasheet HTML 6Page - Infineon Technologies AG BCR142_07 Datasheet HTML 7Page - Infineon Technologies AG BCR142_07 Datasheet HTML 8Page - Infineon Technologies AG BCR142_07 Datasheet HTML 9Page - Infineon Technologies AG BCR142_07 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2007-09-17
7
BCR142...
Package SOT23
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
EH
s
BCW66
Type code
Pin 1
0.8
0.8
1.2
0.25 M BC
1.9
-0.05
+0.1
0.4
±0.1
2.9
0.95
C
B
0...8˚
0.2
A
0.1 MAX.
0.08...0.15
M
±0.1
1
A
1)
1) Lead width can be 0.6 max. in dambar area
12
3
3.15
4
0.9
0.2
1.15
Pin 1
Manufacturer
2005, June
Date code (YM)


Similar Part No. - BCR142_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR142F INFINEON-BCR142F Datasheet
195Kb / 8P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR142FL3 INFINEON-BCR142FL3 Datasheet
195Kb / 8P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR142T INFINEON-BCR142T Datasheet
195Kb / 8P
   NPN Silicon Digital Transistor
Aug-29-2003
logo
Siemens Semiconductor G...
BCR142W SIEMENS-BCR142W Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR142W INFINEON-BCR142W Datasheet
195Kb / 8P
   NPN Silicon Digital Transistor
Aug-29-2003
More results

Similar Description - BCR142_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR135 INFINEON-BCR135 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
May-17-2004
BCR503 INFINEON-BCR503 Datasheet
43Kb / 4P
   NPN Silicon Digital Transistor
Jun-29-2001
BCR523 INFINEON-BCR523 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR108TE6327 INFINEON-BCR108TE6327 Datasheet
216Kb / 9P
   NPN Silicon Digital Transistor
Aug-29-2003
BCR133 INFINEON-BCR133 Datasheet
490Kb / 10P
   NPN Silicon Digital Transistor
Jun-14-2004
logo
Chenmko Enterprise Co. ...
CHUMG8PT CHENMKO-CHUMG8PT Datasheet
135Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TKPT CHENMKO-CHDTC144TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144TMPT CHENMKO-CHDTC144TMPT Datasheet
90Kb / 3P
   NPN Digital Silicon Transistor
CHDTC144WKPT CHENMKO-CHDTC144WKPT Datasheet
100Kb / 3P
   NPN Digital Silicon Transistor
CHDTC363EKPT CHENMKO-CHDTC363EKPT Datasheet
134Kb / 3P
   NPN Digital Silicon Transistor
CHDTC614TKPT CHENMKO-CHDTC614TKPT Datasheet
75Kb / 3P
   NPN Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com