Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE51 Datasheet(PDF) 4 Page - Winbond

Part # W78LE51
Description  8-BIT MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE51 Datasheet(HTML) 4 Page - Winbond

  W78LE51_06 Datasheet HTML 1Page - Winbond W78LE51_06 Datasheet HTML 2Page - Winbond W78LE51_06 Datasheet HTML 3Page - Winbond W78LE51_06 Datasheet HTML 4Page - Winbond W78LE51_06 Datasheet HTML 5Page - Winbond W78LE51_06 Datasheet HTML 6Page - Winbond W78LE51_06 Datasheet HTML 7Page - Winbond W78LE51_06 Datasheet HTML 8Page - Winbond W78LE51_06 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
W78LE51/W78L051A
- 4 -
4.
PIN DESCRIPTION
SYMBOL
DESCRIPTIONS
EA
EXTERNAL ACCESS ENABLE: This pin forces the processor to execute out of
external ROM. It should be kept high to access internal ROM. The ROM address and
data will not be presented on the bus if EA pin is high and the program counter is
within on-chip ROM area.
PSEN
PROGRAM STORE ENABLE: PSEN enables the external ROM data onto the Port 0
address/ data bus during fetch and MOVC operations. When internal ROM access is
performed, no PSEN strobe signal outputs from this pin.
ALE
ADDRESS LATCH ENABLE: ALE is used to enable the address latch that separates
the address from the data on Port 0.
RST
RESET: A high on this pin for two machine cycles while the oscillator is running resets
the device.
XTAL1
CRYSTAL1: This is the crystal oscillator input. This pin may be driven by an external
clock.
XTAL2
CRYSTAL2: This is the crystal oscillator output. It is the inversion of XTAL1.
VSS
GROUND: Ground potential
VDD
POWER SUPPLY: Supply voltage for operation.
P0.0
−P0.7
PORT 0: Port 0 is a bi-directional I/O port which also provides a multiplexed low order
address/data bus during accesses to external memory. The Port 0 is also an open-
drain port and external pull-ups need to be connected while in programming.
P1.0
−P1.7
PORT 1: Port 1 is a bi-directional I/O port with internal pull-ups. The bits have alternate
functions which are described below:
T2(P1.0): Timer/Counter 2 external count input
T2EX(P1.1): Timer/Counter 2 Reload/Capture control
P2.0
−P2.7
PORT 2: Port 2 is a bi-directional I/O port with internal pull-ups. This port also provides
the upper address bits for accesses to external memory.
PORT 3: Port 3 is a bi-directional I/O port with internal pull-ups. All bits have alternate
functions, which are described below:
RXD(P3.0) : Serial Port receiver input
TXD(P3.1) : Serial Port transmitter output
INT0
(P3.2) : External Interrupt 0
P3.0
−P3.7
INT1(P3.3) : External Interrupt 1
T0(P3.4)
: Timer 0 External Input
T1(P3.5)
: Timer 1 External Input
WR (P3.6) :External Data Memory Write Strobe
RD (P3.7) : External Data Memory Read Strobe
P4.0
−P4.3
PORT 4: Another bit-addressable bidirectional I/O port P4. P4.3 and P4.2 are alternative
function pins. It can be used as general I/O port or external interrupt input sources
(INT2 /INT3 ).


Similar Part No. - W78LE51_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE51-24 WINBOND-W78LE51-24 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78LE516-24 WINBOND-W78LE516-24 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516A WINBOND-W78LE516A Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE51_06

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com