Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78M032A24DL Datasheet(PDF) 7 Page - Winbond

Part # W78M032A24DL
Description  8-BIT MICROCONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78M032A24DL Datasheet(HTML) 7 Page - Winbond

Back Button W78M032A24DL Datasheet HTML 3Page - Winbond W78M032A24DL Datasheet HTML 4Page - Winbond W78M032A24DL Datasheet HTML 5Page - Winbond W78M032A24DL Datasheet HTML 6Page - Winbond W78M032A24DL Datasheet HTML 7Page - Winbond W78M032A24DL Datasheet HTML 8Page - Winbond W78M032A24DL Datasheet HTML 9Page - Winbond W78M032A24DL Datasheet HTML 10Page - Winbond W78M032A24DL Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
W78L32/W78L032A/W78M032A
Publication Release Date: March 7, 2006
- 7 -
Revision A5
6. FUNCTIONAL DESCRIPTION
The W78L32 architecture consists of a core controller surrounded by various registers, four general
purpose I/O ports, 256 bytes of RAM, three timer/counters, and a serial port. The processor supports
111 different instruction and references both a 64K program address space and a 64K data storage
space.
Timers 0, 1, and 2
Timers 0, 1, and 2 each consist of two 8-bit data registers. These are called TL0 and TH0 for Timer 0,
TL1 and TH1 for Timer 1, and TL2 and TH2 for Timer 2. The TCON and TMOD registers provide
control functions for timers 0, 1. The T2CON register provides control functions for Timer 2. RCAP2H
and RCAP2L are used as reload/capture registers for Timer 2.
The operations of Timer 0 and Timer 1 are the same as in the W78C31. Timer 2 is a special feature
of the W78L32: it is a 16-bit timer/counter that is configured and controlled by the T2CON register.
Like Timers 0 and 1, Timer 2 can operate as either an external event counter or as an internal timer,
depending on the setting of bit C/T2 in T2CON. Timer 2 has three operating modes: capture, auto-
reload, and baud rate generator. The clock speed at capture or auto-reload mode is the same as that
of Timers 0 and 1.
Clock
The W78L32 is designed to be used with either a crystal oscillator or an external clock. Internally, the
clock is divided by two before it is used. This makes the W78L32 relatively insensitive to duty cycle
variations in the clock.
Crystal Oscillator
The W78L32 incorporates a built-in crystal oscillator. To make the oscillator work, a crystal must be
connected across pins XTAL1 and XTAL2. In addition, a load capacitor must be connected from each
pin to ground, and a resistor must also be connected from XTAL1 to XTAL2 to provide a DC bias
when the crystal frequency is above 24 MHz.
External Clock
An external clock should be connected to pin XTAL1. Pin XTAL2 should be left unconnected. The
XTAL1 input is a CMOS-type input, as required by the crystal oscillator. As a result, the external clock
signal should have an input one level of greater than 3.5 volts when VDD = 5V.
Power Management
Idle Mode
The idle mode is entered by setting the IDL bit in the PCON register. In the idle mode, the internal
clock to the processor is stopped. The peripherals and the interrupt logic continue to be clocked. The
processor will exit idle mode when either an interrupt or a reset occurs.
Power-down Mode
When the PD bit of the PCON register is set, the processor enters the power-down mode. In this
mode all of the clocks, including the oscillator are stopped. The only way to exit power-down mode is
by a reset.


Similar Part No. - W78M032A24DL

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W78M32V-XBX WEDC-W78M32V-XBX Datasheet
735Kb / 54P
   8Mx32 Flash 3.3V Page Mode Simultaneous Read/Write Operation Multi-Chip Package
W78M32V100BC WEDC-W78M32V100BC Datasheet
735Kb / 54P
   8Mx32 Flash 3.3V Page Mode Simultaneous Read/Write Operation Multi-Chip Package
W78M32V100BI WEDC-W78M32V100BI Datasheet
735Kb / 54P
   8Mx32 Flash 3.3V Page Mode Simultaneous Read/Write Operation Multi-Chip Package
W78M32V100BM WEDC-W78M32V100BM Datasheet
735Kb / 54P
   8Mx32 Flash 3.3V Page Mode Simultaneous Read/Write Operation Multi-Chip Package
W78M32V120BC WEDC-W78M32V120BC Datasheet
735Kb / 54P
   8Mx32 Flash 3.3V Page Mode Simultaneous Read/Write Operation Multi-Chip Package
More results

Similar Description - W78M032A24DL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com