Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78L051A Datasheet(PDF) 10 Page - Winbond

Part # W78L051A
Description  8-BIT MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L051A Datasheet(HTML) 10 Page - Winbond

Back Button W78L051A Datasheet HTML 6Page - Winbond W78L051A Datasheet HTML 7Page - Winbond W78L051A Datasheet HTML 8Page - Winbond W78L051A Datasheet HTML 9Page - Winbond W78L051A Datasheet HTML 10Page - Winbond W78L051A Datasheet HTML 11Page - Winbond W78L051A Datasheet HTML 12Page - Winbond W78L051A Datasheet HTML 13Page - Winbond W78L051A Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
W78LE51/W78L051A
- 10 -
6.
ON-CHIP FLASH EPROM CHARACTERISTICS
The W78L051 has several modes to program the on-chip Flash EPROM. All these operations are
configured by the pins RST, ALE, PSEN , A9CTRL(P3.0), A13CTRL(P3.1), A14CTRL(P3.2),
OECTRL(P3.3), CE (P3.6), OE (P3.7), A0(P1.0) and VPP( EA ). Moreover, the A15
−A0(P2.7−P2.0,
P1.7
−P1.0) and the D7−D0(P0.7−P0.0) serve as the address and data bus respectively for these
operations.
Read Operation
This operation is supported for customer to read their code and the Security bits. The data will not be
valid if the Lock bit is programmed to low.
Output Disable Condition
When the OE is set to high, no data output appears on the D7... D0.
Program Operation
This operation is used to program the data to Flash EPROM and the security bits. Program operation
is done when the VPP is reach to VCP (12.5V) level, CE set to low, and OE set to high.
Program Verify Operation
All the programming data must be checked after program operations. This operation should be
performed after each byte is programmed; it will ensure a substantial program margin.
Erase Operation
An erase operation is the only way to change data from 0 to 1. This operation will erase all the Flash
EPROM cells and the security bits from 0 to 1. This erase operation is done when the VPP is reach to
VEP level, CE set to low, and OE set to high.
Erase Verify Operation
After an erase operation, all of the bytes in the chip must be verified to check whether they have been
successfully erased to 1 or not. The erase verify operation automatically ensures a substantial erase
margin. This operation will be done after the erase operation if VPP = VEP (14.5V), CE is high and
OE
is low.
Program/Erase Inhibit Operation
This operation allows parallel erasing or programming of multiple chips with different data. When
P3.6( CE ) = VIH, P3.7( OE ) = VIH, erasing or programming of non-targeted chips is inhibited. So,
except for the P3.6 and P3.7 pins, the individual chips may have common inputs.


Similar Part No. - W78L051A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L051C WINBOND-W78L051C Datasheet
276Kb / 23P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L051A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com