Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E532A Datasheet(PDF) 10 Page - Winbond

Part # W79E532A
Description  8-BIT MICROCONTROLLER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E532A Datasheet(HTML) 10 Page - Winbond

Back Button W79E532A Datasheet HTML 6Page - Winbond W79E532A Datasheet HTML 7Page - Winbond W79E532A Datasheet HTML 8Page - Winbond W79E532A Datasheet HTML 9Page - Winbond W79E532A Datasheet HTML 10Page - Winbond W79E532A Datasheet HTML 11Page - Winbond W79E532A Datasheet HTML 12Page - Winbond W79E532A Datasheet HTML 13Page - Winbond W79E532A Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
W79E532A/W79L532A
- 10 -
PD:
Setting this bit causes the W79E(L)532 to go into the POWER DOWN mode. In this mode all
the
clocks are stopped and program execution is frozen.
IDL:
Setting this bit causes the W79E(L)532 to go into the IDLE mode. In this mode the clocks to
the
CPU are stopped, so program execution is frozen. But the clock to the serial, timer and
interrupt blocks is not stopped, and these blocks continue operating.
Timer Control
Bit:
7
6
5
4
3
2
1
0
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Mnemonic: TCON
Address: 88h
TF1:
Timer 1 overflow flag: This bit is set when Timer 1 overflows. It is cleared automatically when
the program does a timer 1 interrupt service routine. Software can also set or clear this bit.
TR1:
Timer 1 run control: This bit is set or cleared by software to turn timer/counter on or off.
TF0:
Timer 0 overflow flag: This bit is set when Timer 0 overflows. It is cleared automatically when
the program does a timer 0 interrupt service routine. Software can also set or clear this bit.
TR0:
Timer 0 run control: This bit is set or cleared by software to turn timer/counter on or off.
IE1:
Interrupt 1 edge detect: Set by hardware when an edge/level is detected on INT1. This bit is
cleared by hardware when the service routine is vectored to only if the interrupt was edge
triggered. Otherwise it follows the pin.
IT1:
Interrupt 1 type control: Set/cleared by software to specify falling edge/ low level triggered
external inputs.
IE0:
Interrupt 0 edge detect: Set by hardware when an edge/level is detected on INT0 . This bit is
cleared by hardware when the service routine is vectored to only if the interrupt was edge
triggered. Otherwise it follows the pin.
IT0:
Interrupt 0 type control: Set/cleared by software to specify falling edge/ low level triggered
external inputs.
Timer Mode Control
Bit:
7
6
5
4
3
2
1
0
GATE
CT
/
M1
M0
GATE
CT
/
M1
M0
TIMER1
TIMER0
Mnemonic: TMOD
Address: 89h
GATE: Gating control: When this bit is set, Timer/counter x is enabled only while INTx pin is high and
TRx control bit is set. When cleared, Timer x is enabled whenever TRx control bit is set.


Similar Part No. - W79E532A

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E532A40DL WINBOND-W79E532A40DL Datasheet
516Kb / 77P
   8-BIT MICROCONTROLLER
W79E532A40DN WINBOND-W79E532A40DN Datasheet
516Kb / 77P
   8-BIT MICROCONTROLLER
W79E532A40FL WINBOND-W79E532A40FL Datasheet
516Kb / 77P
   8-BIT MICROCONTROLLER
W79E532A40FN WINBOND-W79E532A40FN Datasheet
516Kb / 77P
   8-BIT MICROCONTROLLER
W79E532A40PL WINBOND-W79E532A40PL Datasheet
516Kb / 77P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E532A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com