Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E549A40PN Datasheet(PDF) 8 Page - Winbond

Part # W79E549A40PN
Description  8-BIT MICROCONTROLLER
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E549A40PN Datasheet(HTML) 8 Page - Winbond

Back Button W79E549A40PN Datasheet HTML 4Page - Winbond W79E549A40PN Datasheet HTML 5Page - Winbond W79E549A40PN Datasheet HTML 6Page - Winbond W79E549A40PN Datasheet HTML 7Page - Winbond W79E549A40PN Datasheet HTML 8Page - Winbond W79E549A40PN Datasheet HTML 9Page - Winbond W79E549A40PN Datasheet HTML 10Page - Winbond W79E549A40PN Datasheet HTML 11Page - Winbond W79E549A40PN Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
W79E549/W79L549
- 8 -
6.
FUNCTIONAL DESCRIPTION
The W79E(L)549 is 8052 pin compatible and instruction set compatible. It includes the resources of
the standard 8052 such as four 8-bit I/O Ports, three 16-bit timer/counters, full duplex serial port and
interrupt sources.
The W79E(L)549 features a faster running and better performance 8-bit CPU with a redesigned core
processor without wasted clock and memory cycles. it improves the performance not just by running at
high frequency but also by reducing the machine cycle duration from the standard 8052 period of
twelve clocks to four clock cycles for the majority of instructions. This improves performance by an
average of 1.5 to 3 times. It can also adjust the duration of the MOVX instruction (access to off-chip
data memory) between two machine cycles and nine machine cycles. This flexibility allows the
W79E(L)549 to work efficiently with both fast and slow RAMs and peripheral devices. In addition, the
W79E(L)549 contains on-chip 1KB MOVX SRAM, the address of which is between 0000H and
03FFH. It only can be accessed by MOVX instruction; this on-chip SRAM is optional under software
control.
The W79E(L)549 is an 8052 compatible device that gives the user the features of the original 8052
device, but with improved speed and power consumption characteristics. It has the same instruction
set as the 8051 family. While the original 8051 family was designed to operate at 12 clock periods per
machine cycle, the W79E(L)549 operates at a much reduced clock rate of only 4 clock periods per
machine cycle. This naturally speeds up the execution of instructions. Consequently, the W79E(L)549
can run at a higher speed as compared to the original 8052, even if the same crystal is used. Since
the W79E(L)549 is a fully static CMOS design, it can also be operated at a lower crystal clock, giving
the same throughput in terms of instruction execution, yet reducing the power consumption.
The 4 clocks per machine cycle feature in the W79E(L)549 is responsible for a three-fold increase in
execution speed. The W79E(L)549 has all the standard features of the 8052, and has a few extra
peripherals and features as well.
I/O Ports
The W79E(L)549 has seven 8-bit ports and one extra 4-bit port. Port 0 can be used as an
Address/Data bus when external program is running or external memory/device is accessed by
MOVC or MOVX instruction. In these cases, it has strong pull-ups and pull-downs, and does not need
any external pull-ups. Otherwise it can be used as a general I/O port with open-drain circuit. Port 2 is
used chiefly as the upper 8-bits of the Address bus when port 0 is used as an address/data bus. It
also has strong pull-ups and pull-downs when it serves as an address bus. Port 1 and 3 act as I/O
ports with alternate functions. Port 4 serves as a general purpose I/O port as Port 1 and Port 3. Port5
~ Port7 are bi-directional I/O ports with internal pull resisters.
Serial I/O
The W79E(L)549 has one enhanced serial ports that are functionally similar to the serial port of the
original 8052 family. However the serial ports on the W79E(L)549 can operate in different modes in
order to obtain timing similarity as well. The serial port has the enhanced features of Automatic
Address recognition and Frame Error detection.


Similar Part No. - W79E549A40PN

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E548 WINBOND-W79E548 Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
W79E548A40PL WINBOND-W79E548A40PL Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
W79E548A40PN WINBOND-W79E548A40PN Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E549A40PN

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com