Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79L632A Datasheet(PDF) 4 Page - Winbond

Part # W79L632A
Description  8-BIT MICROCONTROLLER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79L632A Datasheet(HTML) 4 Page - Winbond

  W79L632A Datasheet HTML 1Page - Winbond W79L632A Datasheet HTML 2Page - Winbond W79L632A Datasheet HTML 3Page - Winbond W79L632A Datasheet HTML 4Page - Winbond W79L632A Datasheet HTML 5Page - Winbond W79L632A Datasheet HTML 6Page - Winbond W79L632A Datasheet HTML 7Page - Winbond W79L632A Datasheet HTML 8Page - Winbond W79L632A Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
W79E632A/W79L632A
- 4 -
4. PIN DESCRIPTION
SYMBOL
TYPE
DESCRIPTIONS
EA
I
EXTERNAL ACCESS ENABLE: This pin forces the processor to execute out of
external ROM. It should be kept high to access internal ROM. The ROM
address and data will not be present on the bus if EA pin is high and the
program counter is within 128 KB area. Otherwise they will be present on the
bus.
PSEN
O
PROGRAM STORE ENABLE: PSEN enables the external ROM data onto the
Port 0 address/data bus during fetch and MOVC operations. When internal
ROM access is performed, no PSEN strobe signal outputs from this pin.
ALE
O
ADDRESS LATCH ENABLE: ALE is used to enable the address latch that
separates the address from the data on Port 0.
RST
I
RESET: A high on this pin for two machine cycles while the oscillator is running
resets the device.
XTAL1
I
CRYSTAL1: This is the crystal oscillator input. This pin may be driven by an
external clock.
XTAL2
O
CRYSTAL2: This is the crystal oscillator output. It is the inversion of XTAL1.
VSS
I
GROUND: Ground potential
VDD
I
POWER SUPPLY: Supply voltage for operation.
P0.0
− P0.7
I/O
PORT 0: Port 0 is an open-drain bi-directional I/O port. This port also provides a
multiplexed low order address/data bus during accesses to external memory.
Port 0 has internal pull-up resisters enabled by software.
P1.0
− P1.7
I/O
PORT 1: Port 1 is a bi-directional I/O port with internal pull-ups. The bits have
alternate functions which are described below:
T2(P1.0): Timer/Counter 2 external count input
T2EX(P1.1): Timer/Counter 2 Reload/Capture/Direction control
P2.0
− P2.7
I/O
PORT 2: Port 2 is a bi-directional I/O port with internal pull-ups. This port also
provides the upper address bits for accesses to external memory.
P3.0
− P3.7
I/O
PORT 3: Port 3 is a bi-directional I/O port with internal pull-ups. All bits have
alternate functions, which are described below:
RXD(P3.0) : Serial Port 0 input
TXD(P3.1) : Serial Port 0 output
INT0
(P3.2) : External Interrupt 0
INT1
(P3.3) : External Interrupt 1
T0(P3.4)
: Timer 0 External Input
T1(P3.5)
: Timer 1 External Input
WR
(P3.6) : External Data Memory Write Strobe
RD (P3.7) : External Data Memory Read Strobe
P4.0
− P4.3
I/O
PORT 4: Port 4 is a 4-bit bi-directional I/O port. The P4.3 also provides the
alternate function REBOOT which is H/W reboot from LD flash.
* Note: TYPE I : input, O: output, I/O: bi-directional.


Similar Part No. - W79L632A

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79L632A NUVOTON-W79L632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
W79L632A25FL NUVOTON-W79L632A25FL Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
W79L632A25PL NUVOTON-W79L632A25PL Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79L632A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com