Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E549A40PL Datasheet(PDF) 3 Page - Winbond

Part # W79E549A40PL
Description  8-BIT MICROCONTROLLER
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E549A40PL Datasheet(HTML) 3 Page - Winbond

  W79E549A40PL Datasheet HTML 1Page - Winbond W79E549A40PL Datasheet HTML 2Page - Winbond W79E549A40PL Datasheet HTML 3Page - Winbond W79E549A40PL Datasheet HTML 4Page - Winbond W79E549A40PL Datasheet HTML 5Page - Winbond W79E549A40PL Datasheet HTML 6Page - Winbond W79E549A40PL Datasheet HTML 7Page - Winbond W79E549A40PL Datasheet HTML 8Page - Winbond W79E549A40PL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
W79E549/W79L549
Publication Release Date: December 11, 2005
- 3 -
Revision A1
1.
GENERAL DESCRIPTION
The W79E(L)549 is a fast 8051 compatible microcontroller with a redesigned processor core without
wasted clock and memory cycles. As a result, it executes every 8051 instruction faster than the
original 8051 for the same crystal speed. Typically, the instruction executing time of W79E(L)549 is
1.5 to 3 times faster than that of traditional 8051, depending on the type of instruction. In general, the
overall performance is about 2.5 times better than the original for the same crystal speed. Giving the
same throughput with lower clock speed, power consumption has been improved. Consequently, the
W79E(L)549 is a fully static CMOS design; it can also be operated at a lower crystal clock. The
W79E(L)549 contains In-System Programmable (ISP) 32 KB bank-addressed Flash EPROM; 4KB
auxiliary Flash EPROM for loader program; on-chip 1 KB MOVX SRAM; power saving modes.
2.
FEATURES
8-bit CMOS microcontroller
High speed architecture of 4 clocks/machine cycle
Pin compatible with standard 80C52
Instruction-set compatible with MCS-51
Seven 8-bit I/O Ports; Port 0 has internal pull-up resisters enabled by software
One extra 4-bit I/O port, chip select
Three 16-bit Timers
7 interrupt sources with two levels of priority
On-chip oscillator and clock circuitry
One enhanced full duplex serial port
32KB In-System Programmable Flash EPROM
4KB Auxiliary Flash EPROM for loader program (LDFlash)
256 bytes scratch-pad RAM
1 KB on-chip SRAM for MOVX instruction
Programmable Watchdog Timer
6 channels of 8 bit PWM
Software Reset
Software programmable access cycle to external RAM/peripherals
Code protection
Packages:
− PLCC 68:
W79E549A40PN, W79L549A25PN
− Lead Free (RoHS)PLCC 68:
W79E549A40PL, W79L549A25PL


Similar Part No. - W79E549A40PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E548 WINBOND-W79E548 Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
W79E548A40PL WINBOND-W79E548A40PL Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
W79E548A40PN WINBOND-W79E548A40PN Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E549A40PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com