Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR185 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BCR185
Description  PNP Silicon Digital Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR185 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BCR185_07 Datasheet HTML 4Page - Infineon Technologies AG BCR185_07 Datasheet HTML 5Page - Infineon Technologies AG BCR185_07 Datasheet HTML 6Page - Infineon Technologies AG BCR185_07 Datasheet HTML 7Page - Infineon Technologies AG BCR185_07 Datasheet HTML 8Page - Infineon Technologies AG BCR185_07 Datasheet HTML 9Page - Infineon Technologies AG BCR185_07 Datasheet HTML 10Page - Infineon Technologies AG BCR185_07 Datasheet HTML 11Page - Infineon Technologies AG BCR185_07 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2007-08-02
9
BCR185...
Package SOT323
Package Outline
Foot Print
Marking Layout (Example)
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
0.1 MAX.
0.15
+0.1
-0.05
0.3
+0.1
±0.1
0.9
12
3
A
±0.2
2
-0.05
0.65
0.65
M
3x
0.1
0.1
M
0.2
A
0.2
4
2.15
1.1
Pin 1
Pin 1
2005, June
Date code (YM)
BCR108W
Type code
0.6
0.65
0.65
Manufacturer


Similar Part No. - BCR185_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR185F INFINEON-BCR185F Datasheet
497Kb / 10P
   PNP Silicon Digital Transistor
Jun-14-2004
BCR185L3 INFINEON-BCR185L3 Datasheet
497Kb / 10P
   PNP Silicon Digital Transistor
Jun-14-2004
logo
Siemens Semiconductor G...
BCR185S SIEMENS-BCR185S Datasheet
43Kb / 4P
   PNP Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
logo
Infineon Technologies A...
BCR185S INFINEON-BCR185S Datasheet
497Kb / 10P
   PNP Silicon Digital Transistor
Jun-14-2004
BCR185S INFINEON-BCR185S Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
More results

Similar Description - BCR185_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR555 INFINEON-BCR555_07 Datasheet
138Kb / 6P
   PNP Silicon Digital Transistor
2007-07-24
BCR158 INFINEON-BCR158 Datasheet
480Kb / 9P
   PNP Silicon Digital Transistor
May-18-2004
logo
Chenmko Enterprise Co. ...
CHDTA114EEPT CHENMKO-CHDTA114EEPT Datasheet
93Kb / 3P
   PNP Digital Silicon Transistor
CHDTA114GMPT CHENMKO-CHDTA114GMPT Datasheet
82Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114WUPT CHENMKO-CHDTA114WUPT Datasheet
67Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114GUPT CHENMKO-CHDTA114GUPT Datasheet
87Kb / 2P
   PNP Digital Silicon Transistor
CHDTA114TEPT CHENMKO-CHDTA114TEPT Datasheet
115Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EEPT CHENMKO-CHDTA115EEPT Datasheet
94Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EMPT CHENMKO-CHDTA115EMPT Datasheet
88Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115EUPT CHENMKO-CHDTA115EUPT Datasheet
96Kb / 3P
   PNP Digital Silicon Transistor
CHDTA115GKPT CHENMKO-CHDTA115GKPT Datasheet
71Kb / 2P
   PNP Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com